Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV2GT74A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D–type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT74A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV2GT74A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.2.00, Oct.17.2003, page 1 of 1
HD74LV2GT74A
Single D–type Flip Flops with Preset and Clear /
CMOS Logic Level Shifter
REJ03D0146–0200Z
(Previous ADE-205-681A (Z))
Rev.2.00
Oct.17.2003
Description
The HD74LV2GT74A has independent data, preset, clear, and clock inputs Q and
Q outputs in an 8 pin
package. The input data is transferred to the output at the rising edge of clock pulse CLK. The input
protection circuitry on this device allows over voltage tolerance on the input, allowing the device to be used
as a logic–level translator from 3.0 V CMOS Logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to
3.0 V CMOS Logic while operating at the high-voltage power supply. Low voltage and high-speed
operation is suitable for the battery powered products (e.g., notebook computers), and the low power
consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• TTL compatible input level.
Supply voltage range : 3.0 to 5.5 V
Operating temperature range : –40 to +85°C
• Logic-level translate function
3.0 V CMOS logic
→ 5.0 V CMOS logic (@V
CC = 5.0 V)
1.8 V or 2.5 V CMOS logic
→ 3.3 V CMOS logic (@V
CC = 3.3 V)
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV2GT74AUSE SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn