Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV2GT74A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D–type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT74A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV2GT74A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 11Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74LV2GT74A
Rev.2.00, Oct.17.2003, page 8 of 9
Timming input
Data input
Input
Input
Same-phase output
Opposite-phase output
• Waveform – 1
• Waveform – 2
tPLH
tPHL
VOH
VOL
0 V
VI
VI
VI
VI
VOH
VOL
tPHL
tPLH
10 %
90 %
10 %
90 %
tr
tf
tsu
th
0 V
0 V
0 V
tw
50 %
50 %
50 %
50 %
10 %
90 %
Vref
Vref
Vref
Vref
Vref
Vref
Vref
10 %
90 %
tr
tf
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω.
2. The output are measured one at a time with one transition per measurement.
VCC (V)
Vref
tr / tf
3.3±0.3
2.5 V
VI
INPUTS
50%
1.5 V
3 V
5.0±0.5
≤ 3.0 ns
≤ 3.0 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn