Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV2GT74A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D–type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT74A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV2GT74A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74LV2GT74A
Rev.2.00, Oct.17.2003, page 5 of 9
Electrical Characteristic
• Ta = –40 to 85°C
Item
Symbol VCC (V) *
Min
Typ
Max
Unit Test condition
3.0 to 3.6
1.5
VIH
4.5 to 5.5
2.0
3.0 to 3.6
0.6
Input voltage
VIL
4.5 to 5.5
0.8
V
3.3
0.10
Hysteresis voltage
VH
5.0
0.15
VVT
+ – V
T
Min to Max
VCC–0.1
IOH = –50
µA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
µAVIN = VCC or GND,
IO = 0
∆ICC
5.5
1.5
mA
One input VIN = 3.4 V,
other input VCC or GND
Output leakage current IOFF
0—
5
µAVO = 5.5 V
Input capacitance
CIN
5.0
2.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn