Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV2GT74A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D–type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT74A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV2GT74A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT74A_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LV2GT74A
Rev.2.00, Oct.17.2003, page 4 of 9
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Supply voltage
VCC
3.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
–40 to +85
°C
0 to 100 (VCC = 3.0 to 3.6 V)
Input rise / fall time
tr, tf
0 to 20 (VCC = 4.5 to 5.5 V)
ns
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
C
C
C
C
PRE
CLK
D
CLR
TG
C
Q
Q
C
TG
C
C
TG
C
C
TG


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn