Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1946 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1946
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 1 Page - Linear Technology

  LT1946 Datasheet HTML 1Page - Linear Technology LT1946 Datasheet HTML 2Page - Linear Technology LT1946 Datasheet HTML 3Page - Linear Technology LT1946 Datasheet HTML 4Page - Linear Technology LT1946 Datasheet HTML 5Page - Linear Technology LT1946 Datasheet HTML 6Page - Linear Technology LT1946 Datasheet HTML 7Page - Linear Technology LT1946 Datasheet HTML 8Page - Linear Technology LT1946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1946
1
1946fb
VIN
VIN
3.3V
SW
FB
LT1946
4.7
µH
D1
100nF
470pF
49.9k
VOUT
8V
430mA
1946 F01
20
µF
2.2
µF
VC
GND
COMP
SS
SHDN
OFF ON
C1: 2.2
µF, X5R OR X7R, 6.3V
C2: 2
× 10µF, X5R OR X7R, 10V
D1: MICROSEMI UPS120 OR EQUIVALENT
L1: TDK RLF5018T-4R7M1R4
28.7k
5.23k
TFT-LCD Bias Supplies
GPS Receivers
DSL Modems
Local Power Supplies
1.5A, 36V Internal Switch
1.2MHz Switching Frequency
Integrated Soft-Start Function
Output Voltage Up to 34V
Low VCESAT Switch: 300mV at 1.5A (Typ)
8V at 430mA from a 3.3V Input
Small 8-Lead MSOP Package
1.2MHz Boost
DC/DC Converter with
1.5A Switch and Soft-Start
Figure 1. 3.3V to 8V, 430mA Step-Up DC/DC Converter
The LT
®1946 is a fixed frequency step-up DC/DC converter
containing an internal 1.5A, 36V switch. Capable of gener-
ating 8V at 430mA from a 3.3V input, the LT1946 is ideal
for large TFT-LCD panel power supplies. The LT1946
switches at 1.2MHz, allowing the use of tiny, low profile
inductors and low value ceramic capacitors. Loop com-
pensation can be either internal or external, giving the user
flexibility in setting loop compensation and allowing opti-
mized transient response with low ESR ceramic output
capacitors. Soft-start is controlled with an external capaci-
tor, which determines the input current ramp rate during
start-up.
The 8-lead MSOP package and high switching frequency
ensure a low profile overall solution less than 1.2mm high.
LOAD CURRENT (mA)
0
65
70
75
300
500
1946 F01b
60
55
50
100
200
400
80
85
90
Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1946

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946A LINER-LT1946A Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results

Similar Description - LT1946

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com