Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1932 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1932_15 Datasheet HTML 6Page - Linear Technology LT1932_15 Datasheet HTML 7Page - Linear Technology LT1932_15 Datasheet HTML 8Page - Linear Technology LT1932_15 Datasheet HTML 9Page - Linear Technology LT1932_15 Datasheet HTML 10Page - Linear Technology LT1932_15 Datasheet HTML 11Page - Linear Technology LT1932_15 Datasheet HTML 12Page - Linear Technology LT1932_15 Datasheet HTML 13Page - Linear Technology LT1932_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1932
1932f
VIN
SW
D1
15mA
1932 TA03a
L1
4.7
µH
VIN
1V TO 1.5V
LT1932
SHDN
C1, C2: TAIYO YUDEN JMK212BJ475
(408) 573-4150
D1: ZETEX ZHCS400
(631) 543-7100
L1: MURATA LQH3C4R7M24
(814) 237-1431
61
4
RSET
1.50k
2.5V PWM
DIMMING
CONTROL
C1
4.7
µF
C2
4.7
µF
24.9k
2
3
5
LED
RSET
GND
Single Cell Driver for One White LED
VIN
SW
D1
15mA
1932 TA04a
L1
4.7
µH
VIN
1V TO 1.5V
LT1932
SHDN
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN LMK212BJ225
(408) 573-4150
D1: ZETEX ZHCS400
(631) 543-7100
L1: MURATA LQH3C4R7M24
(814) 237-1431
61
4
RSET
1.50k
2.5V PWM
DIMMING
CONTROL
C1
4.7
µF
C2
2.2
µF
24.9k
2
3
5
LED
RSET
GND
Single Cell Driver for Two White LEDs
Efficiency
Efficiency
LED CURRENT (mA)
0
50
55
60
65
70
75
80
510
15
2.5
7.5
12.5
1932 TA03b
VIN = 1.5V
VIN = 1.1V
LED CURRENT (mA)
0
55
50
60
65
70
75
80
510
15
2.5
7.5
12.5
1932 TA04b
VIN = 1.5V
VIN = 1.1V
TYPICAL APPLICATIO S


Similar Part No. - LT1932_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932ES6 LINER-LT1932ES6 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
More results

Similar Description - LT1932_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com