Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1886 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 4 Page - Linear Technology

  LT1886 Datasheet HTML 1Page - Linear Technology LT1886 Datasheet HTML 2Page - Linear Technology LT1886 Datasheet HTML 3Page - Linear Technology LT1886 Datasheet HTML 4Page - Linear Technology LT1886 Datasheet HTML 5Page - Linear Technology LT1886 Datasheet HTML 6Page - Linear Technology LT1886 Datasheet HTML 7Page - Linear Technology LT1886 Datasheet HTML 8Page - Linear Technology LT1886 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1886
The q denotes specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VS = ±2.5V, VCM = 0V, pulse power tested unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: Thermal resistance varies depending upon the amount of PC board
metal attached to the device.
θJA is specified for a 2500mm2 test board
covered with 2 oz copper on both sides.
Note 5: Input offset voltage is exclusive of warm-up drift.
Note 6: Slew rate is measured between
±2V on a ±4V output with ±6V
supplies, and between
±1V on a ±1.5V output with ±2.5V supplies.
Note 7: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP.
Note 8: This parameter is not 100% tested.
Note 9: The LT1886C is guaranteed to meet specified performance from 0
°C
to 70
°C. The LT1886C is designed, characterized and expected to meet
specified performance from –40
°C to 85°C but is not tested or QA sampled
at these temperatures. For guaranteed I-grade parts, consult the factory.
Note 10: The LT1886C is guaranteed functional over the operating temperature
range of –40
°C to 85°C.
ISC
Short-Circuit Current (Sourcing)
(Note 3)
600
mA
Short-Circuit Current (Sinking)
400
mA
SR
Slew Rate
AV = –10 (Note 6)
66
100
V/
µs
q
60
V/
µs
Full Power Bandwidth
1V Peak (Note 7)
16
MHz
GBW
Gain Bandwidth
f = 1MHz
530
MHz
tr, tf
Rise Time, Fall Time
AV = 10, 10% to 90% of 0.1V, RL = 100Ω
7ns
Overshoot
AV = 10, 0.1V, RL = 100Ω
5%
Propagation Delay
AV = 10, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
5ns
Harmonic Distortion
HD2, AV = 10, 2VP-P, f = 1MHz, RL = 100Ω/25Ω
– 75/– 64
dBc
HD3, AV = 10, 2VP-P, f = 1MHz, RL = 100Ω/25Ω
– 80/– 66
dBc
IMD
Intermodulation Distortion
AV = 10, f = 0.9MHz, 1MHz, 5dBm, RL = 100Ω/25Ω
– 77/– 85
dBc
ROUT
Output Resistance
AV = 10, f = 1MHz
0.2
Channel Separation
VOUT = ±1V, RL = 25Ω
82
92
dB
q
80
dB
IS
Supply Current
Per Amplifier
5
5.75
mA
q
6.25
mA
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Input Common Mode Range vs
Supply Voltage
Input Bias Current vs Input
Common Mode Voltage
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1886 G01
15
10
5
0
VS = ±6V
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
1886 G02
V+
–0.1
–0.2
–0.3
1.5
1.0
0.5
V
TA = 25°C
∆VOS > 1mV
INPUT COMMON MODE VOLTAGE (V)
–6
–2
2
–4
0
4
6
1886 G03
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
IB = (IB+ + IB–)/2
VS = ±6V
VS = ±2.5V
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1886

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1886CS8 LINER-LT1886CS8 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
More results

Similar Description - LT1886

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1969 LINER-LT1969 Datasheet
295Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com