Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G5KT-942M50-Y4RW Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-G5KT-942M50-Y4RW
Description  SAW Dual Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-G5KT-942M50-Y4RW Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-G5KT-942M50-Y4RW Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RW Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Customer Name
Standard specification
System
GSM850/ GSM900 Rx (50/150ohms)
DATE
Aug. 10, 2011
Part Number
FAR-G5KT-942M50-Y4RW
Version 1.0aa
Pb-free
Pb
* Pb Free Part
MSL1
Dimensions
Device size: 1.8yp. x 1.4typ. x 0.5max.
Unit : mm
Pin Configuration
Pin No.
Pin
name
Description
Filter No.
Passband(MHz)
System
1
IN
Filter1,2 input pin
1
869 ~ 894
GSM850-Rx
2
GND
Ground
2
925 ~ 960
GSM900-Rx
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
OUT
Filter2 balanced output pin
7
OUT
Filter2 balanced output pin
8
OUT
Filter1 balanced output pin
9
OUT
Filter1 balanced output pin
10
GND
Ground
Evaluation Circuit
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter2>
6
7
GND
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter2>
6
7
GND
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter2>
6
7
GND
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter2>
6
7
GND
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
GND
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter1>
6
7
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
GND
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter1>
6
7
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
GND
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter1>
6
7
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH
GND
UnbalancedInput
(50ohm)
Balanced
Output
(150ohm)
GND
8
9
2,3,4,5,10
1
<Filter1>
6
7
GND
GND
50ohm
50ohm
Port 1
Port 2
Port 3
L=10 nH


Similar Part No. - FAR-G5KT-942M50-Y4RW

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5KT-942M50-Y4RW

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
   SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com