Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1294 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1294
Description  During the last years
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1294 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1294 Datasheet HTML 10Page - STMicroelectronics AN1294 Datasheet HTML 11Page - STMicroelectronics AN1294 Datasheet HTML 12Page - STMicroelectronics AN1294 Datasheet HTML 13Page - STMicroelectronics AN1294 Datasheet HTML 14Page - STMicroelectronics AN1294 Datasheet HTML 15Page - STMicroelectronics AN1294 Datasheet HTML 16Page - STMicroelectronics AN1294 Datasheet HTML 17Page - STMicroelectronics AN1294 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Soldering method
AN1294
14/20
Doc ID 7604 Rev 3
Figure 7.
Recommended heat profile/reflow soldering for PSO10RF lead-free
Stress caused by thermal shocks must be avoided by pre-heating the device to around
150-200 °C. The temperature must then be increased to at least 30 °C above the melting
point of the selected solder paste and maintained long enough to allow a proper wetting and
a homogeneous spread of the solder.
However, under no circumstances should the device rating be exceeded (Tpeak = 250 °C).
In case of infrared heating, black surfaces (such as the plastic body of the package) absorb
more heat than light colored surfaces do (such as leads). The difference in temperature
between the case and the leads should be less than 10 °C. Once soldering is completed,
cooling of the device should not be forced as this will induce mechanical stress and potential
failure. Moreover, as the thermal resistance of the solder joint is determined by the thickness
of the applied solder, a thin layer of 2-4 mils, after reflow, is recommended.


Similar Part No. - AN1294

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12941A PANASONIC-AN12941A Datasheet
5Mb / 41P
   The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN12948 PANASONIC-AN12948 Datasheet
260Kb / 8P
   Audio Power IC for Note PC
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
More results

Similar Description - AN1294

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com