Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6KB-2G1200-B4GQ Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F6KB-2G1200-B4GQ
Description  SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F6KB-2G1200-B4GQ Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F6KB-2G1200-B4GQ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KB-2G1200-B4GQ Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Customer Name
Standard specification
System
J-CDMA (2G/B.W.20MHz) Rx
Date
March 31, 2010
Part Number
FAR-F6KB-2G1200-B4GQ
Version 2.1b
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Table 1 Electrical Specification
Parameter
Condition
Specification
/MHz
Min.
Typ.
Max.
Unit
Remarks
Maximum
Insertion attenuation
2110 - 2130
-
1.4
2.0
dB
Amplitude ripple (p-p)
2110 - 2130
-
0.2
1.0
dB
Input VSWR
2110 - 2130
-
1.4
2.0
-
Output VSWR
2110 - 2130
-
1.4
2.0
-
Output
amplitude
balance (|S21/S31|)
2110 - 2130
-1.2
-0.1/+0.3
+1.2
dB
Output phase balance
((ΦS21-ΦS31)+180)
2110 - 2130
-10
+2.7/+3.6
+10
deg
Attenuation
DC- 925
40
62
-
dB
1730-1750
30
40
-
dB
1920-1940
40
48
-
dB
3650-3690
35
50
-
dB
4030-4070
35
50
-
dB
4220-4260
35
50
-
dB
4260-6000
25
47
-
dB
Operating temperature range
-30 ~ +85
oC
Input Impedance (Unbalanced)
50
Ohm
Output Impedance (Balanced)
100//10nH
Ohm


Similar Part No. - FAR-F6KB-2G1200-B4GQ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6KB-2G1400-B4GC FUJITSU-FAR-F6KB-2G1400-B4GC Datasheet
203Kb / 7P
   FAR-F6KB-2G1400-B4GC
logo
Taiyo Yuden (U.S.A.), I...
FAR-F6KB-2G1400-B4GC TAIYO-YUDEN-FAR-F6KB-2G1400-B4GC Datasheet
397Kb / 8P
   SAW Filter
More results

Similar Description - FAR-F6KB-2G1200-B4GQ

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com