Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR42UBCL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR42UBCL
Description  42U SmartRack Co-Location Standard-Depth Rack Enclosure Cabinet - 2 separate compartments
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBCL Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR42UBCL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBCL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBCL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
location. Casters are removable.
Leveling feet extend to allow enclosure to be positioned on uneven floors. Levelers are removable.
Compact design allows the enclosure to roll through standard height commercial doorways.
Convenient grounding system. All components are grounded to the enclosure frame which includes multiple connections for facility ground. Front and
rear doors include quick-release ground wires.
Open bottom for cable access.
Top panel has generous cable access holes. Panel can be removed toollessly in seconds without having to disconnect cables first.
Included stabilizing brackets are used for shipment and can be reattached at the bottom of the enclosure frame on the inside or outside of the rack.
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard) Compliance
Compatibility with airflow optimization accessories as well as cable management accessories.
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
37
Installed Whole System Maximum
Rack Depth (cm)
94.0
Installed Whole System Minimum
Rack Depth (in.)
4
Installed Whole System Minimum
Rack Depth (cm)
10.16
Rack Height (U Spaces)
42
Shipping Dimensions (hwd / in.)
84.5 x 27.75 x 47
Shipping Dimensions (hwd / cm)
214 x 70.5 x 119
Shipping Weight (lbs.)
304
Shipping Weight (kg)
138.2
Unit Dimensions (hwd / in.)
78.5 x 23.63 x 43
Unit Dimensions (hwd / cm)
199.39 x 60.02 x 109.22
Unit Dimensions (cm)
EXTERNAL DIMENSIONS: 199 x 60 x 109 (HWD)
Color
Black
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Seismic Rack
No
CERTIFICATIONS
2 / 3


Similar Part No. - SR42UBCL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB1032 TRIPPLITE-SR42UB1032 Datasheet
514Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet, Threaded 10-32 Mounting Holes with doors and side panels
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
   42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
   42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR42UBEIS TRIPPLITE-SR42UBEIS Datasheet
520Kb / 3P
   42U SmartRack NEMA 12 Rack Enclosure Cabinet for Harsh Environments
More results

Similar Description - SR42UBCL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBCL TRIPPLITE-SR48UBCL Datasheet
523Kb / 3P
   48U SmartRack Co-Location Standard-Depth Rack Enclosure Cabinet - 2 separate compartments
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
   SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
SR42UBKD TRIPPLITE-SR42UBKD Datasheet
493Kb / 3P
   42U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR42UBG TRIPPLITE-SR42UBG Datasheet
164Kb / 4P
   SmartRack 42U Standard-Depth Rack Enclosure Cabinet with Clear Acrylic Window
SRQP42UB TRIPPLITE-SRQP42UB Datasheet
162Kb / 3P
   SmartRack 42U Standard-Depth Quiet Server Rack Enclosure Cabinet with Sound Suppression
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
   42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com