Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR25UBSP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR25UBSP
Description  25U SmartRack Stand-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR25UBSP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR25UBSP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR25UBSP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR25UBSP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rack Height (U Spaces)
25
Shipping Dimensions (hwd / in.)
53 x 27 x 45
Shipping Dimensions (hwd / cm)
134.62 x 68.58 x 114.3
Shipping Weight (lbs.)
210
Shipping Weight (kg)
95.25
Unit Dimensions (hwd / in.)
49 x 23.63 x 43
Unit Dimensions (hwd / cm)
124.46 x 60.02 x 109.22
Unit Weight (lbs.)
195
Unit Weight (kg)
88.45
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.78
Weight Capacity - Rolling (kg)
1020.58
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Seismic Rack
No
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SR25UBSP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
More results

Similar Description - SR25UBSP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR42UBSP1 TRIPPLITE-SR42UBSP1 Datasheet
496Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet shipping
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
   25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
   48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UWSP1 TRIPPLITE-SR42UWSP1 Datasheet
500Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBWDSP1 TRIPPLITE-SR42UBWDSP1 Datasheet
526Kb / 4P
   42U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
   42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com