Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC7545A Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7545A
Description  Improved Industry Standard Parallel 12-Bit Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7545A Datasheet(HTML) 2 Page - Linear Technology

  LTC7545A Datasheet HTML 1Page - Linear Technology LTC7545A Datasheet HTML 2Page - Linear Technology LTC7545A Datasheet HTML 3Page - Linear Technology LTC7545A Datasheet HTML 4Page - Linear Technology LTC7545A Datasheet HTML 5Page - Linear Technology LTC7545A Datasheet HTML 6Page - Linear Technology LTC7545A Datasheet HTML 7Page - Linear Technology LTC7545A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC7545A
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
VDD to AGND ............................................ –0.5V to 17V
VDD to DGND .............................................–0.5V to 17V
AGND to DGND .............................. – 0.5V to VDD + 0.5V
DGND to AGND .............................. – 0.5V to VDD + 0.5V
VREF to AGND,DGND ............................................. ±25V
RFB to AGND,DGND ............................................. . ±25V
Digital Inputs to DGND ................. – 0.5V to VDD + 0.5V
VOUT1 to AGND, DGND ................. –0.5V to VDD + 0.5V
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range
Commercial (K, L Versions) .................... 0
°C to 70°C
Industrial (B, C Versions)................... – 40
° C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC7545ABG
LTC7545ABN
LTC7545ABSW
LTC7545ACG
LTC7545ACN
LTC7545ACSW
LTC7545AKG
LTC7545AKN
LTC7545AKSW
LTC7545ALG
LTC7545ALN
LTC7545ALSW
ORDER PART
NUMBER
TJMAX = XXX°C, θJA = XXX°C/W (G)
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 130°C/W (SW)
Consult factory for Military grade parts.
VDD = 5V or 15V, VREF = 10V, VOUT1 = AGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC7545AK/AB
LTC7545AL/AC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
12
12
Bits
INL
Integral Nonlinearity
(Note 1)
TA = 25°C
±0.5
±0.5
LSB
(Relative Accuracy)
TMIN to TMAX
q
±0.5
±0.5
LSB
DNL
Differential Nonlinearity
Guaranteed Monotonic TA = 25°C
±1
±0.5
LSB
TMIN to TMAX
TMIN to TMAX
q
±1
±0.5
LSB
GE
Gain Error
(Note 2)
TA = 25°C
±2
±1LSB
TMIN to TMAX
q
±3
±2LSB
Gain Temperature Coefficient
(Note 3)
∆Gain/∆Temperature
q
1
5
1
5
ppm/
°C
ILKG
OUT1 Leakage Current
(Note 4)
TA = 25°C
±10
±10
nA
TMIN to TMAX
q
±50
±50
nA
PSRR
Power Supply Rejection
q
±0.002
±0.002
%/%
Reference Input
RREF
VREF Input Resistance
(Note 5)
q
8
11
15
8
11
15
k
AC Performance
Output Current Settling Time
(Notes 3, 6, 7)
q
11
µs
Propagation Delay
(Notes 3, 6, 8)
q
150
150
ns
Digital-to-Analog Glitch Impulse
(Notes 6, 9)
q
5
5
nV-sec
Multiplying Feedthrough Error
VREF = ±10V, 10kHz Sine Wave
q
55
mVP-P
Analog Outputs
COUT
Output Capacitance (Note 3)
DB0 to DB11 = 0V,
COUT1
q
30
70
30
70
pF
WR, CS = 0V
DB0 to DB11 = VDD,
COUT1
q
60
150
60
150
pF
WR, CS = 0V
OUT1
AGND
DGND
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
RFB
VREF
VDD
WR
CS
DB0 (LSB)
DB1
DB2
DB3
DB4
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
N PACKAGE
20-LEAD PDIP
SW PACKAGE
20-LEAD PLASTIC SO WIDE
G PACKAGE
20-LEAD PLASTIC SSOP


Similar Part No. - LTC7545A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7545A LINER-LTC7545A Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7545ABN LINER-LTC7545ABN Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7545ABSW LINER-LTC7545ABSW Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7545ACN LINER-LTC7545ACN Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7545ACSW LINER-LTC7545ACSW Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
More results

Similar Description - LTC7545A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7545A LINER-LTC7545A Datasheet
206Kb / 8P
   Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7541A LINER-LTC7541A Datasheet
171Kb / 4P
   Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7541A LINER-LTC7541A_15 Datasheet
170Kb / 4P
   Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com