Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F6QB1G585P2BQ Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6QB1G585P2BQ
Description  SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6QB1G585P2BQ Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  F6QB1G585P2BQ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc F6QB1G585P2BQ Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
*Pb Free part
Customer Name
Standard Specification
System
GPS+GLONASS (50/100 ohm)
DATE
Feb. 14, 2013
Part Number
F6QB1G585P2BQ
Version 1.0a
Final
Pb-free
Pb
MSL1
Table 1 Electrical Specification
Passband: 1565.42 - 1605.886 MHz
Parameter
Condition (MHz)
Specifications
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
1574.42 - 1576.42
-
1.5
1.9
dB(*1)
1565.42 - 1585.42
-
1.6
2.0
dB(*1)
1597.5515 - 1605.8860
-
1.7
2.1
dB(*1)
VSWR
(Input/output)
1574.42 - 1576.42
-
1.4
2.0
-
1565.42 - 1585.42
-
1.5
2.0
-
1597.5515 - 1605.8860
-
1.6
2.0
-
Absolute attenuation
10 - 794
45
50
-
dB
794 - 925
40
47
-
dB
925 - 960
40
46
-
dB
1427 - 1463
30
34
-
dB
1710 - 1785
35
42
-
dB
1850 - 1910
35
42
-
dB
1920 - 1980
34
39
-
dB
2401 - 2483
30
35
-
dB
2500 - 2570
30
34
-
dB
Amplitude balance
(|S21/S31|)
1574.42 - 1576.42
-1.5
+0.5/+0.7
+1.5
dB
1565.42 - 1585.42
-5
-0.2/+2.7
+5
dB
1597.5515 - 1605.8860
-1.8
-1/-0.6
+1.8
dB
Phase balance
((
S21-S31)+180)
1574.42 - 1576.42
-10
+5/+7
+10
deg
1565.42 - 1585.42
-10
-2/+7
+10
deg
1597.5515 - 1605.8860
-15
-10/-8
+15
deg
Operating temperature range
-30 ~ +85
oC
Input impedance (Unbalanced)
50
ohm
Output impedance (Balanced)
100//18nH
ohm
Device size
1.1typ. x 0.9typ. x 0.5max.
mm
(*1) Specification of insertion loss includes loss that comes from the test board. (0.1dB)


Similar Part No. - F6QB1G585P2BQ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QB1G585P2BQ TAIYO-YUDEN-F6QB1G585P2BQ Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - F6QB1G585P2BQ

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com