Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F6QA1G882M2AS Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6QA1G882M2AS
Description  SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6QA1G882M2AS Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  F6QA1G882M2AS Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6QA1G882M2AS Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
*Pb Free part
Customer Name
Standard specification
TAIYO YUDEN Mobile Technology Co., Ltd.
System
Band XXV-Tx
DATE
Dec. 22, 2011
Part Number
F6QA1G882M2AS
Version 1.2a
Final
MSL1
Table 1. Electrical Specification
Item
Condition (MHz)
Specification
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss(*1)
1850 - 1915
-
1.8
2.2
dB
at 25
oC
-
-
3.0
dB
Ripple
1850 - 1915
-
0.8
1.3
dB
at 25
oC
-
-
2.1
dB
VSWR (Input)
1850 - 1915
-
2.0
2.4
-
VSWR (Output)
1850 - 1915
-
1.9
2.4
-
Absolute attenuation
DC - 1570
25
33
-
dB
1570 - 1580
30
41
-
dB
1930 - 1995
17
23
-
dB
at 25
oC
5
-
-
dB
1990 - 2400
20
28
-
dB
2400 - 3000
25
34
-
dB
3000 - 4000
20
31
-
dB
4000 - 6000
10
23
-
dB
Input impedance
-
50
Ohms
Output impedance
-
50 // 33nH
Ohms
Temperature range
-
-30 to +85
oC
Package size
-
1.1typ x 0.9typ x 0.5max
mm
(*1) Specification of insertion loss includes loss that comes from the test board. (Value: 0.15dB)


Similar Part No. - F6QA1G882M2AS

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QA1G882M2AS TAIYO-YUDEN-F6QA1G882M2AS Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - F6QA1G882M2AS

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com