Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1730-4 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1730-4
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1730-4 Datasheet(HTML) 3 Page - Linear Technology

  LTC1730-4 Datasheet HTML 1Page - Linear Technology LTC1730-4 Datasheet HTML 2Page - Linear Technology LTC1730-4 Datasheet HTML 3Page - Linear Technology LTC1730-4 Datasheet HTML 4Page - Linear Technology LTC1730-4 Datasheet HTML 5Page - Linear Technology LTC1730-4 Datasheet HTML 6Page - Linear Technology LTC1730-4 Datasheet HTML 7Page - Linear Technology LTC1730-4 Datasheet HTML 8Page - Linear Technology LTC1730-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1730-4/LTC1730-4.2
3
sn1730 1730fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1730-4/LTC1730-4.2 are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICHRG
CHRG Pin Pull-Down Current
VCHRG = 1V, C/10 Mode
10
40
70
µA
TTIMER
TIMER Accuracy
CTIMER = 0.1µF10
%
VGATE
GATE Pin Voltage
VBAT = 3V
7.5
V
VBAT = 4V
10
V
TSHDN
Thermal Shutdown Temperature
140
°C
∆TSHDN
Thermal Shutdown Hysteresis
5
°C
∆VRECHRG Recharge Battery Voltage Offset from
VBAT(Full Charged) – VRECHRG (Note 3)
150
mV
Full Charged Battery Voltage
VNTC_HOT
NTC/SHDN Pin Threshold Voltage (Hot)
High to Low; VCC = 4V
q
1.95
2
2.05
V
Hysteresis
50
mV
VNTC_COLD NTC/SHDN Pin Threshold Voltage (Cold)
Low to High; VCC = 4V
q
3.4
3.5
3.6
V
Hysteresis
45
mV
VSEL
SEL Pin Threshold
LTC173ECGN-4
0.7
V
VACPR
ACPR Pin Output Low Voltage
LTC1730EGN-4, IACPR = 5mA
0.6
V
VFAULT
FAULT Pin Output Low Voltage
LTC1730EGN-4, IFAULT = 3mA
1.2
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA, Charging Mode
0.9
V
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 6V unless otherwise noted.
DC ELECTRICAL CHARACTERISTICS
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: For the LTC1730-4 version, the full charged VBAT value is
typically 4.1V.


Similar Part No. - LTC1730-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC1730-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC4052-4.2 LINER-LTC4052-4.2_15 Datasheet
176Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com