Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F6KB2G350B4HT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6KB2G350B4HT
Description  SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6KB2G350B4HT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  F6KB2G350B4HT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6KB2G350B4HT Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSL1
*Pb Free part
Customer Name
Standard specification
System
Band40 Rx (50/150ohm Balance)
DATE
July 22, 2011
Part Number
F6KB2G350B4HT
Version 2.1b
Final
Table 1 Electrical Specification
Passband :2300 ~ 2400 MHz
Item
Condition
Specification
Unit
Remark
Min.
Typ.
Max.
Insertion Loss
2300 – 2400MHz
-
2.7
3.5
dB
(*1)
Ripple
2300 – 2400MHz
-
1.2
2.0
dB
VSWR
2300 – 2400MHz
-
1.7
2.2
dB
Amplitude Balance
(|S21|/|S31|)
2300 – 2400MHz
-1.5
-0.6/
+0.9
+1.5
dB
Phase Balance
((Phase(S21) - Phase(S31))+180)
2300 – 2400MHz
-15
-4/+10
+15
deg
Absolute attenuation
50 – 2000MHz
35
43
-
dB
2000 – 2215MHz
35
40
-
dB
2215 – 2240MHz
20
42
-
dB
2460 – 2485MHz
20
37
-
dB
2485 – 3000MHz
33
37
-
dB
3000 – 4000MHz
25
42
-
dB
4000 – 6000MHz
20
52
-
dB
Input Impedance
Unbalanced
50//4.7nH
ohm
Output Impedance
Balanced
150//12nH
ohm
Device size
1.4typ. x 1.0typ. x 0.5max.
mm
Operating Temperature
-30 ~ +85
oC
(*1) Specification of insertion loss includes loss that comes from the test board.(0.15dB)


Similar Part No. - F6KB2G350B4HT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6KB2G350B4HTB TAIYO-YUDEN-F6KB2G350B4HTB Datasheet
237Kb / 8P
   SAW Filter
More results

Similar Description - F6KB2G350B4HT

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com