Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1540 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1540
Description  Nanopower Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1540 Datasheet HTML 3Page - Linear Technology LTC1540 Datasheet HTML 4Page - Linear Technology LTC1540 Datasheet HTML 5Page - Linear Technology LTC1540 Datasheet HTML 6Page - Linear Technology LTC1540 Datasheet HTML 7Page - Linear Technology LTC1540 Datasheet HTML 8Page - Linear Technology LTC1540 Datasheet HTML 9Page - Linear Technology LTC1540 Datasheet HTML 10Page - Linear Technology LTC1540 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1540
sn1540 1540fas
APPLICATIONS INFORMATION
Hysteresis
Hysteresis can be added to the LTC1540 by connecting a
resistor (R1) between the REF and HYST pins and a
second resistor (R2) from HYST to V (Figure 5).
The difference between the upper and lower threshold
voltages, or hysteresis voltage band (VHB), is equal to twice
the voltage difference between the REF and HYST pins.
When more hysteresis is added, the upper threshold
increases the same amount as the low threshold de-
creases. The maximum voltage allowed between REF and
HYST pins is 50mV, producing a maximum hysteresis
voltage band of 100mV. The hysteresis band may vary by
up to 15%. If hysteresis is not wanted, the HYST pin
should be shorted to REF. Acceptable values for IREF range
from 0.1µA to 5µA. If 2.4M is chosen for R2, then the value
of R1 (kΩ) is equal to the value of VHB (mV).
6
R2
HYST
V
REF
5
R1
1540 • F05
LTC1540
2
IREF
R1 =
VHB
(2)(IREF)
R2 =
IREF
1.182V –
()
VHB
2
Figure 5. Programmable Hysteresis
Figure 6. Glitch-Free Level Detector with Hysteresis
TYPICAL APPLICATIONS
Level Detector
The LTC1540 is ideal for use as a nanopower level detector
as shown in Figure 6. R1 and R2 form a voltage divider
from VIN to the noninverting comparator input. R3 and R4
set the hysteresis voltage, and R5 and C1 bypass the
reference output. The following design procedure can be
used to select the component values:
1. Choose the VIN voltage trip level, in this example 4.65V.
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3 (kΩ) = 15k, VHB (mV) = 15mV
5. Choose the values for R1 and R2 to set the trip point.
R1 =
R2 = R1
– 1
=
= 1.18M
VREF
IBIAS
VREF +
VIN
VHB
2
1.182V
1µA
R2 = 1.18M
R2 = 3.40M
– 1
1.182V +
4.65V
15mV
2
V +
R5
430Ω
5%
R3
15k
1%
C1
1µF
OUT
V
21
7
5V
VIN
8
GND
LTC1540
1540 F06
IN+
IN
HYST
REF
3
4
5
6
+
R2
3.4M
1%
R1
1.18M
1%
R4
2.4M
1%


Similar Part No. - LTC1540

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC1540 LINER-LTC1540 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1540 LINER-LTC1540 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
More results

Similar Description - LTC1540

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com