Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM400PBM17-A000 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DIM400PBM17-A000
Description  IGBT Bi-Directional Switch Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400PBM17-A000 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DIM400PBM17-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM400PBM17-A000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM400PBM17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Nominal Weight: 750g
Module Outline Type Code:
P
Fig. 11 Module outline drawing


Similar Part No. - DIM400PBM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400PBM17-A000 DYNEX-DIM400PBM17-A000 Datasheet
351Kb / 8P
   IGBT Bi-Directional Switch Module
More results

Similar Description - DIM400PBM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400PBM17-A000 DYNEX-DIM400PBM17-A000 Datasheet
351Kb / 8P
   IGBT Bi-Directional Switch Module
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
   Bi-directional
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
logo
Vishay Siliconix
SI3831DV VISHAY-SI3831DV_V01 Datasheet
121Kb / 7P
   Bi-Directional P-Channel MOSFET/Power Switch
01-Jan-2022
SI3831DV VISHAY-SI3831DV Datasheet
71Kb / 6P
   Bi-Directional P-Channel MOSFET/Power Switch
Rev. C, 28-Dec-98
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
MagnaChip Semiconductor...
MSI2006 MGCHIP-MSI2006 Datasheet
736Kb / 8P
   6A Bi-directional Load Switch for Tablet
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com