Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1387 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1387
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1387 Datasheet HTML 2Page - Linear Technology LTC1387 Datasheet HTML 3Page - Linear Technology LTC1387 Datasheet HTML 4Page - Linear Technology LTC1387 Datasheet HTML 5Page - Linear Technology LTC1387 Datasheet HTML 6Page - Linear Technology LTC1387 Datasheet HTML 7Page - Linear Technology LTC1387 Datasheet HTML 8Page - Linear Technology LTC1387 Datasheet HTML 9Page - Linear Technology LTC1387 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1387
FU CTIO TABLES
Select Modes
SELECT INPUTS
RECEIVER
DRIVER
ON
RXEN DXEN
485/232
RXA
RXB
DXY
DXZ
1
0
0
0
Z
Z
Z
Z
ON
OFF
RS232 Mode, DX and RX Off
1
0
1
0
Z
Z
ON
ON
ON
OFF
RS232 Mode, DXY and DXZ On, RX Off
1
1
0
0
ON
ON
Z
Z
ON
OFF
RS232 Mode, DX Off, RXA and RXB On
1
1
1
0
ON
ON
ON
ON
ON
OFF
RS232 Mode, DXY and DXZ On,
RXA and RXB On
0
0
1
0
Z
Z
ON
Z
ON
OFF
RS232 Mode, DXY On, DXZ Off, RX Off
0
1
0
0
Z
ON
ON
Z
ON
OFF
RS232 Mode, DXY On,
DXZ Off, RXA Off, RXB On
0
1
1
0
ON
ON
ON
ON
ON
ON
RS232 Loopback Mode, DXY and DXZ On,
RXA and RXB On
0
0
0
X
Z
Z
Z
Z
OFF
OFF
Shutdown, RS485 RIN
1
0
0
1
Z
Z
Z
Z
ON
OFF
RS485 Mode, DX and RX Off
X
0
1
1
Z
Z
ON
ON
ON
OFF
RS485 Mode, DX On, RX Off
X
1
0
1
ON
Z
Z
Z
ON
OFF
RS485 Mode, DX Off, RX On
1
1
1
1
ON
Z
ON
ON
ON
OFF
RS485 Mode, DX On, RX On
0
1
1
1
ON
Z
ON
ON
ON
ON
RS485 Loopback Mode, DX On, RX On
RS232 Driver Mode
INPUTS
OUTPUTS
SELECTED
485/232
D
CONDITIONS
Y, Z
YES
0
0
No Fault
1
YES
0
1
No Fault
0
YES
0
X
Thermal Fault
Z
NO
0
X
X
Z
RS232 Receiver Mode
INPUTS
OUTPUTS
SELECTED
485/232
A, B
RA, RB
YES
0
0
1
YES
0
1
0
YES
0
Inputs Open
1
NO
0
X
Z
RS485 Driver Slew Rate
INPUTS
OUTPUTS
DXEN
485/232
SLEW
SLEW RATE
1
1
0
Slow
1
1
1
Fast
01
X
Z
RS485 Driver Mode
INPUTS
OUTPUTS
DXEN
485/232
D
CONDITIONS
Z
Y
1
1
0
No Fault
0
1
1
1
1
No Fault
1
0
1
1
X
Thermal Fault
Z
Z
01
X
X
Z
Z
RS485 Receiver Mode
INPUTS
OUTPUTS
RXEN
485/232
B – A
RA
RB
1
1
< – 0.2V
0
Z
1
1
> 0.2V
1
Z
1
1
Inputs Open
1
Z
or Shorted to Ground
01
X
Z
Z
CHARGE PUMP LOOPBACK
COMMENTS


Similar Part No. - LTC1387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
logo
Analog Devices
LTC1387 AD-LTC1387 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC1387C LINER-LTC1387C Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387CG LINER-LTC1387CG Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com