Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEDZ15BT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LEDZ15BT1G
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LEDZ15BT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LEDZ15BT1G_15 Datasheet HTML 1Page - Leshan Radio Company LEDZ15BT1G_15 Datasheet HTML 2Page - Leshan Radio Company LEDZ15BT1G_15 Datasheet HTML 3Page - Leshan Radio Company LEDZ15BT1G_15 Datasheet HTML 4Page - Leshan Radio Company LEDZ15BT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SC-79/SOD-523
A
D
E
bp
V MA
scale
0.5
1mm
0
A
C
HE
OUTLINE
VERSION
REFERENCES
EUROPEAN
PROJECTION
DIMENSIONS (mm are the original dimensions)
UNIT
A
b p
cD
E
H E
V
mm
0.7
0.35
0.2
1.3
0.9
1.7
0.15
0.5
0.25
0.1
1.1
0.7
1.5
Note
1. The marking bar indicates the cathode.
ISSUE DATE
IEC
JEDEC
EIAJ
SOD523
SC-79
98-11-25
LESHAN RADIO COMPANY, LTD.
5/5
LEDZ*BT1G SERIES


Similar Part No. - LEDZ15BT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LEDZ10BT1G LRC-LEDZ10BT1G_15 Datasheet
167Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
LEDZ12BT1G LRC-LEDZ12BT1G_15 Datasheet
167Kb / 5P
   Zener diode
LEDZ13BT1G LRC-LEDZ13BT1G_15 Datasheet
167Kb / 5P
   Zener diode
LEDZ16BT1G LRC-LEDZ16BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results

Similar Description - LEDZ15BT1G_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com