Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG808BC45 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DG808BC45
Description  Gate Turn-off Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG808BC45 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button DG808BC45_15 Datasheet HTML 3Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 4Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 5Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 6Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 7Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 8Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 9Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 10Page - Dynex Semiconductor DG808BC45_15 Datasheet HTML 11Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SEMICONDUCTOR
DG808BC45
7/12
www.dynexsemi.com
0
2000
4000
6000
8000
10000
12000
14000
0
1000
2000
3000
4000
On-state current IT - (A)
CS = 4uF
CS = 3 uF
CS = 2.5 uF
CS = 2 uF
Conditions :
Tj = 125
oC
VDM = VDRM
dIGQ/dt = 40 A/us
0
5
10
15
20
25
30
0
1000
2000
3000
4000
On-state current IT - (A)
Tj = 125
oC
Tj = 25
oC
Conditions :
Cs = 4 uF
dIGQ/dt = 40 A/us
Fig.14 Turn-off energy vs on-state current
Fig.15 Gate storage time vs on-state current
15
20
25
30
35
40
20
30
40
50
Rate of rise of reverse gate current dIGQ/dt - (A/us)
Tj = 125
oC
Tj = 25
oC
Conditions:
IT = 3000A
Cs = 4.0uF
0
0.5
1
1.5
2
2.5
0
1000
2000
3000
4000
On-state current IT - (A)
Tj = 125
oC
Tj = 25
oC
Conditions:
Cs = 4.0uF
diGQ/dt = 40A/uS
Fig.16 Gate storage time vs rate of rise of reverse gate
current
Fig.17 Gate fall time vs on-state current


Similar Part No. - DG808BC45_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG808BC45 DYNEX-DG808BC45 Datasheet
216Kb / 12P
   Gate Turn-off Thyristor
More results

Similar Description - DG808BC45_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25_05 Datasheet
197Kb / 19P
   Gate Turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com