Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1150 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1150
Description  15V Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology LTC1150 Datasheet HTML 10Page - Linear Technology LTC1150 Datasheet HTML 11Page - Linear Technology LTC1150 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1150
8
1150fb
0.1Hz to 1Hz Noise, V = ±15V, TA = 25°C, fS = 1800Hz
LTC1150 • TPC28
10s
500nV
100s
300nVP-P
ISUPPLY (Pin 1): Supply Current Programming. The sup-
ply current can be programmed through Pin 1. When
Pin 1 is left open or tied to V+, the supply current defaults
to 800µA. Tying a resistor between Pin 1 and Pin 4, the
negative supply pin, will reduce the supply current. The
supply current, as a function of the resistor value, is
shown in Typical Performance Characteristics.
–IN (Pin 2): Inverting Input.
+IN (Pin 3): Noninverting Input.
V(Pin 4): Negative Supply.
EXT CLOCK IN (Pin 5): Optional External Clock Input. The
LTC1150 has an internal oscillator to control the circuit
operation of the amplifier if Pin 5 is left open or biased at
any DC voltage in the supply voltage range. When an
external clock is desirable, it can be applied to Pin 5. The
applied clock is AC-coupled to the internal circuitry to
simplified interface requirements. The amplitude of the
clock input signal needs to be greater than 2V and the
voltage level has to be within the supply voltage range.
Duty cycle is not critical. The internal chopping frequency
is the external clock frequency divided by four. When
frequency of the external clock falls below 100Hz (internal
chopping at 25Hz), the internal oscillator takes over and
the circuit chops at 550Hz.
OUT (Pin 6): Output.
V+ (Pin 7): Positive Supply.
CLOCK OUT (Pin 8): Clock Output. The signal coming out
of this pin is at the internal oscillator frequency of about
2.2kHz (four times the chopping frequency) and has
voltage levels at VH = VS and VL = VS –4.6. If the circuit is
driven by an external clock, Pin 8 is pulled up to VS.
8-Pin Packages
TYPICAL PERFOR A CE CHARACTERISTICS
PI DESCRIPTIO S


Similar Part No. - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150 Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1150 LINER-LTC1150 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC1150C LINER-LTC1150C Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
LTC1150 LINER-LTC1150 Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com