Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRX202E Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRX202E
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX202E Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRX202E Datasheet HTML 1Page - KEC(Korea Electronics) KRX202E Datasheet HTML 2Page - KEC(Korea Electronics) KRX202E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 1. 24
3/3
KRX202E
Revision No : 1
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
Q
V =0.2V
O
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
I(OFF)
O
I
- V
INPUT OFF VOLTAGE V
(V)
I(OFF)
I(OFF)
O
I
- V
INPUT OFF VOLTAGE V
(V)
I(OFF)
I(ON)
O
I
- V
INPUT ON VOLTAGE V
(V)
I(ON)
10k
5k
3k
1k
500
300
100
50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
30
0.6
300
100
50
30
10
100
30
O
I
5
10
3
1
0.5
OUTPUT CURRENT I
(mA)
O
G
- I
O
I
OUTPUT CURRENT I
(mA)
O
G
- I
-0.1
-0.5
-0.3
-1
-10
-3
-5
-0.3
-100
-50
-30
-30
-1
-3
-10
-100
Ta=25 C
Ta=-25 C
V =-0.2V
O
-1.0
-1k
-50
-30
-100
-300
-500
-0.8
-0.6
-10k
-5k
-3k
-1.8
-1.4
-1.2
-1.6
-2.0
100
-1
30
5
10
50
300
-30
-3
-10
-100
1
Q1
Q1
Q2
Q2
Q2
O
V =-5V
O
V =5V
Ta=100 C
V =5V
O
V =-5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=25 C
Ta=-25 C


Similar Part No. - KRX202E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRX202E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX102E KEC-KRX102E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205E KEC-KRX205E Datasheet
81Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com