Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN626 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN626
Description  Serial EEPROM product numbering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN626 Datasheet(HTML) 3 Page - STMicroelectronics

  AN626 Datasheet HTML 1Page - STMicroelectronics AN626 Datasheet HTML 2Page - STMicroelectronics AN626 Datasheet HTML 3Page - STMicroelectronics AN626 Datasheet HTML 4Page - STMicroelectronics AN626 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DocID5663 Rev 6
3/5
AN626
5
For complete details of the correct product number, and ordering codes, for a specific
product, please contact your nearest ST sales office or distributor.
Table 6. Field E, 9th and 10th characters, package (two letters used in every case)
Package code
Package type
BN
PSDIP8 standard
CS, CU
WLCSP (Chip scale package)
CT
Thin WLCSP (Chip scale package)
DW
TSSOP8
MN
SO8 narrow 0.150 mils
MC or MF
UFDFPN8 (MLP8)
MH
UFDFPN5 (MLP5)
Table 7. Field F, 11th character, temperature range
Device grade
Temperature range
1
0 °C to 70 °C
3
–40 °C to +125 °C, with a certified reliability flow tailored for automotive applications
6
–40 °C to +85 °C
8
–40 °C to +105 °C
Table 8. Field G, 12th, packing option
Option code
Option
Blank
Standard packing
T
Tape and reel packing
Table 9. Field H, 13th, plating technology
Code
Plating technology
P or G
ECOPACK® (RoHS compliant)
TF
Back side coating (for WLCSP packages)
Table 10. Field J, 14th, die process
Code
Plating technology
G or S
F6SP
B or P
F6DP
AF8L
K or T
F8H


Similar Part No. - AN626

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6262 PANASONIC-AN6262 Datasheet
58Kb / 5P
   Pause Detection Circuits of Radio Cassette, Cassette Deck
AN6262N PANASONIC-AN6262N Datasheet
58Kb / 5P
   Pause Detection Circuits of Radio Cassette, Cassette Deck
AN6263N PANASONIC-AN6263N Datasheet
58Kb / 5P
   Pause Detection Circuits of Radio Cassette, Cassette Deck
More results

Similar Description - AN626

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
   Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
   Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
   Serial EEPROM
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com