Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN590 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN590
Description  PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN590 Datasheet(HTML) 1 Page - STMicroelectronics

  AN590 Datasheet HTML 1Page - STMicroelectronics AN590 Datasheet HTML 2Page - STMicroelectronics AN590 Datasheet HTML 3Page - STMicroelectronics AN590 Datasheet HTML 4Page - STMicroelectronics AN590 Datasheet HTML 5Page - STMicroelectronics AN590 Datasheet HTML 6Page - STMicroelectronics AN590 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN590/0703
1/7
AN590
APPLICATION NOTE
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
by Microcontroller Division Applications
INTRODUCTION
This note describes how to use the ST62 Auto-reload Timer (ARTimer) to generate a PWM
signal with tunable frequency and duty cycle. As an example, the generation of a 31.25kHz
PWM signal with duty cycle proportional to an analog input voltage is presented.
Auto-reload Timer description
This timer is an 8 bit timer/counter with prescaler. It includes auto-reload PWM, capture and
compare capability with one input and one output pin. It is controlled by the following registers
(8 bit):
– Mode Control Register (MC)
– Status registers (SC0, SC1)
– Load register (LR)
– Incremental counter register (TC)
– Compare register (CP)
– Reload/Capture register (RC)
It can also wake up the MCU from wait mode and exit from stop mode if an external event is
present on the input pin. The prescaler ratio can be programmed to choose the timer input fre-
quency FIN (see Table 1).
Figure 1. Auto-reload Timer Block Diagram
1


Similar Part No. - AN590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN591 STMICROELECTRONICS-AN591 Datasheet
58Kb / 5P
   Input capture with ST62 auto-reload timer
AN592 STMICROELECTRONICS-AN592 Datasheet
65Kb / 5P
   PLL generation using ST62 auto-reload timer
AN593 STMICROELECTRONICS-AN593 Datasheet
56Kb / 4P
   ST62 in-circuit programming
AN594 STMICROELECTRONICS-AN594 Datasheet
864Kb / 28P
   This note describes a technique for driving
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
   Reliability of High Power
More results

Similar Description - AN590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN913 STMICROELECTRONICS-AN913 Datasheet
121Kb / 12P
   PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
AN592 STMICROELECTRONICS-AN592 Datasheet
65Kb / 5P
   PLL generation using ST62 auto-reload timer
AN591 STMICROELECTRONICS-AN591 Datasheet
58Kb / 5P
   Input capture with ST62 auto-reload timer
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
   PWM Generation with the HC08 Timer
logo
STMicroelectronics
ST6255C STMICROELECTRONICS-ST6255C Datasheet
1Mb / 84P
   8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
ST6253C STMICROELECTRONICS-ST6253C Datasheet
1Mb / 83P
   8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com