Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN437 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 3 Page - STMicroelectronics

  AN437 Datasheet HTML 1Page - STMicroelectronics AN437 Datasheet HTML 2Page - STMicroelectronics AN437 Datasheet HTML 3Page - STMicroelectronics AN437 Datasheet HTML 4Page - STMicroelectronics AN437 Datasheet HTML 5Page - STMicroelectronics AN437 Datasheet HTML 6Page - STMicroelectronics AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN437
Snubber circuit functions and drawback
3/18
1.1.2
Snubber circuit benefit at TRIAC turn-off
The TRIAC turn-off behavior is characterized by the datasheet curve between the critical
rate of decrease of commutating on-state current ((dI/dt)c) and the critical rate of rise of
commutation off-state voltage ((dV/dt)c) (refer to Figure 3). These parameters are specified
for the maximum operating junction temperature (worst case).
In practice, the current waveform, and thus the slope of the decreasing current, is imposed
by the load. The user can then only limit the slope of the reapplied voltage. Indeed, by
adding an snubber circuit across the TRIAC, the circuit time response is increased and thus,
dV/dtOFF is decreased (refer to Figure 3).
Figure 3.
(dI/dt)c versus (dV/dt)c curve for Z01 standard TRIACs and snubber
circuit impact
An RC snubber circuit must be used when there is a risk of TRIAC spurious triggering, i.e.
when the dI/dtOFF -dV/dtOFF couple, measured in the application, is higher than the TRIAC
datasheet values, (dI/dt)c at a given (dV/dt)c.
Figure 4 shows the turn-off behavior of a Z0103 standard TRIAC which controls a 26 W
drain pump. Without snubber circuit and for the maximum junction temperature (110° C), a
spurious triggering appears at turn-off. Indeed, the measured (dI/dt)OFF and (dV/dt)OFF
values, equal respectively to 0.13 A/ms and 10 V/µs, are higher than the guarantee (dI/dt)c -
(dV/dt)c point (only 7 V/µs @ 0.13 A/ms, see Figure 3).
Thanks to an RC snubber circuit (10 nF and 2.7 k
Ω), the slope of the reapplied voltage can
be limited to 1.5 V/µs and thus spurious triggering at turn-off can be avoided (see Figure 3
and Figure 4).
V
T
I
T
Load
V
Mains
R
C
Area of spurious
firing at
commutation
Safe area
Operating point
with RC snubber
Operating point


Similar Part No. - AN437

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4370 STMICROELECTRONICS-AN4370 Datasheet
701Kb / 23P
   L99ASC03 PMBLDC sensorless 3-phase motor driver
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
   Galvanically-isolated 8 channel high-side driver based on the ISO8200B
AN4374 STMICROELECTRONICS-AN4374 Datasheet
1Mb / 25P
   The LED1642GW and ALED1642GW start-up guide
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
More results

Similar Description - AN437

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
   RC Network (Snubber Capacitor)
logo
Cornell Dubilier Electr...
504M02QA100 CDE-504M02QA100 Datasheet
193Kb / 1P
   Arc Suppressor/Snubber Network Radial Metallized Polyester RC Network for Transient Suppression
logo
PHOENIX CONTACT
EMG10-OV-110DC PHOENIX-EMG10-OV-110DC Datasheet
64Kb / 4P
   RC protective circuit
EMG12-OV-24DC PHOENIX-EMG12-OV-24DC Datasheet
68Kb / 4P
   RC protective circuit
EMG10-OE-230AC PHOENIX-EMG10-OE-230AC Datasheet
93Kb / 5P
   RC protective circuit
EMG17-OV-120AC PHOENIX-EMG17-OV-120AC Datasheet
94Kb / 5P
   RC protective circuit
EMG12-OV-120AC PHOENIX-EMG12-OV-120AC Datasheet
74Kb / 4P
   RC protective circuit
EMG10-OE-60DC PHOENIX-EMG10-OE-60DC Datasheet
83Kb / 5P
   RC protective circuit
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Keysight Technologies
B1506A KEYSIGHT-B1506A Datasheet
5Mb / 34P
   Power Device Analyzer for Circuit Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com