Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC857 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRC857
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC857 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRC857 Datasheet HTML 1Page - KEC(Korea Electronics) KRC857 Datasheet HTML 2Page - KEC(Korea Electronics) KRC857 Datasheet HTML 3Page - KEC(Korea Electronics) KRC857 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 1. 24
3/4
KRC857U~KRC859U
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
0.1
0.3
1
3
O
I(ON)
I
- V
O
I(ON)
I
- V
O
I(ON)
I(OFF)
INPUT ON VOLTAGE V
(V)
I
- V
OI(OFF)
I(OFF)
INPUT ON VOLTAGE V
(V)
I
- V
OI(OFF)
10
30
100
0.3
0.5
1
3
5
10
30
50
V =0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
Ta=-25 C
Ta=25 C
O
V =0.2V
50
30
10
5
3
1
0.5
0.3
100
30
10
3
1
0.3
0.1
Ta=-25 C
Ta=25 C
O
V =0.2V
50
30
10
5
3
1
0.5
0.3
100
30
10
3
1
0.3
0.1
KRC857U
KRC858U
KRC859U
O
V =5V
KRC858U
3k
1k
500
300
100
50
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
30
O
V =5V
KRC859U
3k
1k
500
300
100
50
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0.2
30
3.4
I(OFF)
INPUT ON VOLTAGE V
(V)
I
- V
OI(OFF)
O
V =5V
KRC857U
3k
1k
500
300
100
50
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
30


Similar Part No. - KRC857

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC857 KEC-KRC857 Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC857E KEC-KRC857E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC857

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com