Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWT60100XX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWT60100XX
Description  Tilt Wall Mount for 60 to 100 Flat-Screen Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWT60100XX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWT60100XX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWT60100XX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tilt Wall Mount for 60" to 100" Flat-Screen Displays
MODEL NUMBER: DWT60100XX
Description
Tripp Lite’s VESA-compliant DWT60100XXTilt Flat-Screen Wall Mount’s low-profile design features an open frame for easy wall access and optimal flexibility
for display positioning, allowing you to effortlessly reposition your display at any time, even after installation. It is ideal for freeing up valuable space in your
workstation. The DWT60100XX packs a lot of functionality into an unobtrusive frame. It has a tilt adjustment with a wide range of motion (-15° to 15°) for
improved viewing angles in applications where the audience is located below the display. Its durable, all-metal construction with scratch-resistant, powder-coat
finish supports up to 350 lbs. and fits most 60" to 100" flat-screen displays. It comes with all the necessary mounting hardware. To help you install it perfectly,
the DWT60100XX features a horizontal adjustment to compensate for off-center wall studs. For peace of mind, the DWT60100XX comes with a 5 year
warranty.
Features
Low-profile mounting keeps unit out of sight for sleek, professional appearance
Fits most flat-panel displays from 60 in. to 100 in.
Supports up to 350 lbs.
Open frame for easy wall access
Tilt adjustment improves viewing angles in applications where the audience is below the display
Horizontal adjustment compensates for off-center wall studs
Wide range of motion with -15° to 15° tilt capability
Specifications
PHYSICAL
Mounting Location
Wall
Unit Dimensions (hwd / in.)
32.76 x 44.88 x 5.12
Unit Dimensions (hwd / cm)
83.2 x 113.0 x 113.0
Unit Weight (lbs.)
17.36
Highlights
Low-profile mounting keeps unit
out of sight for sleek, professional
appearance
Fits most flat-panel displays from
60 in. to 100 in.
Supports up to 350 lbs.
Package Includes
DWT60100XX Tilt Flat-Screen
Wall Mount
Mounting hardware
Owner’s manual
1 / 2


Similar Part No. - DWT60100XX

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
DOMINANT Semiconductors
DWT-CJS-S1 DOMINANT-DWT-CJS-S1 Datasheet
896Kb / 15P
   Power LED
DWT-CJS-S2 DOMINANT-DWT-CJS-S2 Datasheet
896Kb / 15P
   Power LED
DWT-CJS-ST2-1 DOMINANT-DWT-CJS-ST2-1 Datasheet
896Kb / 15P
   Power LED
More results

Similar Description - DWT60100XX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
   Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
   Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
   Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT4585X TRIPPLITE-DWT4585X Datasheet
503Kb / 2P
   Tilt Wall-Mount for 45 to 85 Flat-Screen Displays
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
   Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
   Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWF60100XX TRIPPLITE-DWF60100XX Datasheet
502Kb / 2P
   Fixed Wall-Mount for 60 to 100 Flat-Screen Displays
DWM60100XX TRIPPLITE-DWM60100XX Datasheet
534Kb / 2P
   Full-Motion Wall-Mount for 60 to 100 Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
   Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
   Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com