Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR5900A18 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR5900A18
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR5900A18 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR5900A18 Datasheet HTML 1Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 2Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 3Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 4Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 5Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 6Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 7Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 8Page - Dynex Semiconductor DCR5900A18 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SEMICONDUCTOR
DCR5900A22
6/9
www.dynexsemi.com
Fig.8 Multi-cycle surge current
Fig.9 Single-cycle I
2t
Fig.10 Stored charge vs di/dt
Fig.11 Reverse recovery current vs di/dt
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
Number of cycles
Conditons:
Tcase=125°C
VR=0
Pulse width = 10ms
10.00
15.00
20.00
25.00
30.00
35.00
40.00
1
10
Pulse width, tp - (ms)
Conditons:
Tcase=125°C
VR=0
half-sine wave
0
4000
8000
12000
16000
20000
24000
1
10
100
Rate of decay of on-state current, di/dt - (A/us)
Conditons:
Tj=125°C
IT=2000A
VR=0
0
300
600
900
1200
1500
1
10
100
Rate of decay of on-state current, di/dt - (A/us)
Conditons:
Tj=125°C
IT=2000A
VR=0


Similar Part No. - DCR5900A18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR5900A18 DYNEX-DCR5900A18 Datasheet
722Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR5900A18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com