Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR2760M85 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DCR2760M85
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR2760M85 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DCR2760M85_15 Datasheet HTML 1Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 2Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 3Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 4Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 5Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 6Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 7Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 8Page - Dynex Semiconductor DCR2760M85_15 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SEMICONDUCTOR
DCR2760M85
3/10
www.dynexsemi.com
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IRRM/IDRM
Peak reverse and off-state current
At VRRM/VDRM, Tcase = 125°C
-
300
mA
dV/dt
Max. linear rate of rise of off-state voltage
To 67% VDRM, Tj = 125°C, gate open
-
1500
V/µs
dI/dt
Rate of rise of on-state current
From 67% VDRM to 2x IT(AV)
Repetitive 50Hz
-
100
A/µs
Gate source 30V, 10
,
Non-repetitive
-
200
A/µs
tr < 0.5µs, Tj = 125°C
VT(TO)
Threshold voltage
– Low level
500 to 1600A at Tcase = 125°C
-
0.9
V
Threshold voltage
– High level
1600 to 4000A at Tcase = 125°C
-
1.18
V
rT
On-state slope resistance
– Low level
500A to 1600A at Tcase = 125°C
-
0.65
m
On-state slope resistance
– High level
1600A to 4000A at Tcase = 125°C
-
0.46
m
tgd
Delay time
VD = 67% VDRM, gate source 30V, 10
-
3
µs
tr = 0.5µs, Tj = 25°C
tq
Turn-off time
IT = 3000A, Tj = 125°C,
VR = 200V, dI/dt = 1A/µs,
1000
µs
dVDR/dt = 20V/µs linear
QS
Stored charge
IT = 3000A, Tj = 125°C, dI/dt – 1A/µs,
VRpeak ~5100V, VR ~ 3400V
5150
7950
µC
IL
Latching current
Tj = 25°C, VD = 5V
-
3
A
IH
Holding current
Tj = 25°C, RG-K = , ITM = 500A, IT = 5A
-
300
mA


Similar Part No. - DCR2760M85_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR2760M85 DYNEX-DCR2760M85 Datasheet
481Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR2760M85_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com