Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM100PXM33-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DFM100PXM33-A000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM100PXM33-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DFM100PXM33-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DFM100PXM33-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DFM100PXM33-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DFM100PXM33-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DFM100PXM33-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DFM100PXM33-A000_15 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DFM100PXM33-A000
Fast Recovery Diode Module
Replaces DS5564-2
DS5564-3 April 2013 (LN30368)
1/6
www.dynexsemi.com
FEATURES
Low Reverse Recovery Charge
High Switching Speed
Low Forward Volt Drop
Isolated AlSiC Base with AlN Substrates
Lead Free Construction
APPLICATIONS
Chopper Diodes
Boost and Buck Converters
Free-wheel Circuits
Snubber Circuits
Resonant Converters
Induction Heating
Multi-level Switch Inverters
The DFM100PXM33-A000 module houses a series
connected pair of 3300V, fast recovery diodes
(FRDs). Designed for low power loss, the module is
suitable for a variety of high voltage applications in
motor drives and power conversion.
Configurations
with common cathode and common anode are
available on request.
Fast switching times and low reverse recovery losses
allow high frequency operation, making the device
suitable for the latest drive designs employing PWM
and high frequency switching.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DFM100PXM33-A000
– Series connection
DFM100PXM33-A005
– Common cathode
DFM100PXM33-A006
– Common anode
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VRRM
3300V
VF
(typ)
2.5V
IF
(max)
100A
IFM
(max)
200A
Series connection, part no: DFM100PXM33-A000
Common cathode, part no: DFM100PXM33-A005
Common anode, part no: DFM100PXM33-A006
Fig. 1 Circuit configuration
Outline type code: P
(See Fig. 7 for further information)
Fig. 2 Package
3(A1)
1(A2/K1)
2(K2)
3(A1)
1(K2/K1)
2(A2)
3(K1)
1(A2/A1)
2(K2)


Similar Part No. - DFM100PXM33-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM100PXM33-A000 DYNEX-DFM100PXM33-A000 Datasheet
252Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM100PXM33-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com