Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1671 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1671_15 Datasheet HTML 4Page - Linear Technology LT1671_15 Datasheet HTML 5Page - Linear Technology LT1671_15 Datasheet HTML 6Page - Linear Technology LT1671_15 Datasheet HTML 7Page - Linear Technology LT1671_15 Datasheet HTML 8Page - Linear Technology LT1671_15 Datasheet HTML 9Page - Linear Technology LT1671_15 Datasheet HTML 10Page - Linear Technology LT1671_15 Datasheet HTML 11Page - Linear Technology LT1671_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1671
APPLICATIONS INFORMATION
Crystal Oscillators
Figure 7 shows a crystal oscillator circuit. In the circuit, the
resistors at the LT1671’s positive input set a DC bias point.
The 2k-0.068
µF path sets up phase shifted feedback and
the circuit looks like a wideband unity-gain follower at DC.
The crystal’s path provides resonant positive feedback
and stable oscillation occurs.
Figure 7. 1MHz to 10MHz Crystal Oscillator
Figure 8. Switchable Output Crystal Oscillator. Biasing A or B
High Places Associated Crystal in Feedback Path. Additional
Crystal Branches Are Permissible
+
LT1671
2k
5V
2k
1MHz TO 10MHz
CRYSTAL (AT-CUT)
0.068
µF
OUTPUT
1671 F07
2k
1671 F08
+
LT1671
1k
5V
1k
1k
75pF
D1
OUTPUT
B
A
LOGIC INPUTS
AS MANY STAGES
AS DESIRED
XTAL A
1k
RX
XTAL B
XTAL X
D2
DX
2k
= 1N4148
GROUND XTAL CASES
Switchable Output Crystal Oscillator
Figure 8 permits crystals to be electronically switched by
logic commands. This circuit is similar to the previous
examples, except that oscillation is only possible when
one of the logic inputs is biased high.


Similar Part No. - LT1671_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671CMS8 LINER-LT1671CMS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671CS8 LINER-LT1671CS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671IS8 LINER-LT1671IS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
More results

Similar Description - LT1671_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671 LINER-LT1671 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116_15 Datasheet
152Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
   SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com