Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585A-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1585A-3.3
Description  5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585A-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1585A-3.3_15 Datasheet HTML 4Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 5Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 6Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 7Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 8Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 9Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 10Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 11Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1585A/LT1585A-3.3
1585afa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS N
Guaranteed LT1585A Circuit for the Intel 100MHz and Higher Frequency Pentium Processors
(Meets Intel Specifications with Worst-Case Tolerances)
+
LT1585A
ADJ
IN
R1
1k
C2 TO C4
220µF
10V
AVX TPS
3 EACH
5V
OUT
3
SEE NOTE 6
SEE NOTE 5
SEE NOTE 7
2
1
2
R2
1k
R4
6
5
4
3
2
1
R3E
117Ω
R3D
83Ω
C6
0.01µF
C1
0.1µF
C5
33pF
NPO
1
56
8
7
3
4
R3C
800Ω
R3B
1.35k
R3A
1.15k
LT1431S
COMP COL
SGND FGND
V+
REF
RT
RM
PGND
SGND
LT1584 • TA06
PGND
SENSE
VOUT
PLACE IN MICROPROCESSOR
SOCKET CAVITY
C14 TO C23
1µF
16V
AVX Y5V 0805
10 EACH
C8 TO C13
100µF
10V
AVX TPS
6 EACH
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL RESISTOR VALUES ARE OHMS,
1/8W, 5%
2. ALL CAPACITORS ARE 50V, 20%
3. ALL POLARIZED CAPACITORS ARE AVX
TYPE TPS OR EQUIVALENT
4. INPUT CAPACITANCE MAY BE REDUCED
IF THE 5V SUPPLY IS WELL BYPASSED
5. FOR 100MHz PENTIUM PROCESSOR,
INPUT VOLTAGE MUST BE AT LEAST
4.85V AT THE REGULATOR INPUT
6. FOR PENTIUM VRE PROCESSOR,
R4 NOT INSTALLED
– FOR 3.3V OUTPUT, INSTALL 0Ω JUMPER
RESISTOR R4
7. R3A TO R3E ARE B.I. TECHNOLOGY 627V100
+ C7
100µF
10V
THERMALLOY
7021B-MT
+
+
LT1585A/LT1431 Transient Response
for 3.8A Load Current Step*
VOUT
50mV/DIV
IOUT
2A/DIV
100µs/DIV
LT1584A • TA06
*TRANSIENT RESPONSE MEASURED WITH AN INTEL
POWER VALIDATOR. VOUT IS MEASURED AT THE
POWER VALIDATOR


Similar Part No. - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
More results

Similar Description - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com