Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1351 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1351
Description  250A, 3MHz, 200V/s Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 5 Page - Linear Technology

  LT1351_15 Datasheet HTML 1Page - Linear Technology LT1351_15 Datasheet HTML 2Page - Linear Technology LT1351_15 Datasheet HTML 3Page - Linear Technology LT1351_15 Datasheet HTML 4Page - Linear Technology LT1351_15 Datasheet HTML 5Page - Linear Technology LT1351_15 Datasheet HTML 6Page - Linear Technology LT1351_15 Datasheet HTML 7Page - Linear Technology LT1351_15 Datasheet HTML 8Page - Linear Technology LT1351_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1351
ELECTRICAL CHARACTERISTICS –40°C ≤ T
A ≤ 85°C, VCM = 0V unless otherwise noted (Note 6).
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOUT
Output Swing
RL = 5k, VIN = ±10mV
±15V
13.3
±V
RL = 2k, VIN = ±10mV
±15V
13.2
±V
RL = 1k, VIN = ±10mV
±15V
10.0
±V
RL = 1k, VIN = ±10mV
±5V
3.3
±V
RL= 500Ω, VIN = ±10mV
±5V
3.2
±V
RL = 5k, VIN = ±10mV
±2.5V
1.1
±V
IOUT
Output Current
VOUT = ±10V
±15V
10.0
mA
VOUT = ±3.2V
±5V
6.4
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
20
mA
SR
Slew Rate
AV = – 1, RL = 5k (Note 3)
±15V
50
V/
µs
±5V
15
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 10k
±15V
1.6
MHz
± 5V
1.4
MHz
ISHDN
Shutdown Input Current
SHDN = VEE + 0.1V
±15V
– 30
µA
SHDN = VCC
±15V
5
µA
IS
Supply Current
±15V
390
µA
±5V
380
µA
SHDN = VEE + 0.1V
±5V
30
µA
Note 1: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: Slew rate is measured between
±8V on the output with ±12V
input for
±15V supplies and ±2V on the output with ±3V input for ±5V
supplies.
Note 4: Full-power bandwidth is calculated from the slew rate
measurement: FPBW = (Slew Rate)/2
πVP.
Note 5: This parameter is not 100% tested.
Note 6: The LT1351 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and at 85°C.
Guaranteed I grade parts are available; consult factory.
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
200
250
125
°C
25
°C
–55
°C
20
1351 G01
150
100
5
10
15
350
300
Supply Current vs Supply Voltage
and Temperature
SUPPLY VOLTAGE (
±V)
0
V
0.5
1.5
2.0
V +
–1.5
10
20
1351 G02
1.0
–1.0
–0.5
–2.0
5
15
TA = 25°C
∆VOS = 1mV
Input Common Mode Range
vs Supply Voltage
INPUT COMMON MODE VOLTAGE (V)
–15
–20
–10
0
10
20
30
–10
–5
0
5
1351 G03
10
15
TA = 25°C
VS = ±15V
IB =
IB
+ + I
B
2
Input Bias Current
vs Input Common Mode Voltage


Similar Part No. - LT1351_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1351CMS8 LINER-LT1351CMS8 Datasheet
341Kb / 16P
   250uA, 3MHz, 200V/us Operational Amplifier
LT1351CN8 LINER-LT1351CN8 Datasheet
341Kb / 16P
   250uA, 3MHz, 200V/us Operational Amplifier
LT1351CS8 LINER-LT1351CS8 Datasheet
341Kb / 16P
   250uA, 3MHz, 200V/us Operational Amplifier
More results

Similar Description - LT1351_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1352 LINER-LT1352_15 Datasheet
404Kb / 16P
   Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1353 LINER-LT1353_15 Datasheet
404Kb / 16P
   Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1351 LINER-LT1351 Datasheet
341Kb / 16P
   250uA, 3MHz, 200V/us Operational Amplifier
LT1352 LINER-LT1352 Datasheet
325Kb / 12P
   Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
LT1352 LINER-LT1352_1 Datasheet
399Kb / 16P
   Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Linear Technology
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com