Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC651U Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC651U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC651U Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC651U Datasheet HTML 1Page - KEC(Korea Electronics) KRC651U Datasheet HTML 2Page - KEC(Korea Electronics) KRC651U Datasheet HTML 3Page - KEC(Korea Electronics) KRC651U Datasheet HTML 4Page - KEC(Korea Electronics) KRC651U Datasheet HTML 5Page - KEC(Korea Electronics) KRC651U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2002. 1. 24
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC651U~KRC656U
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM
MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+_
+_
+_
+_
+_
1. Q IN (BASE)
2. Q , Q COMMON (EMITTER)
3. Q IN (BASE)
4. Q OUT (COLLECTOR)
5. Q OUT (COLLECTOR)
1
1
1
2
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25 )
BIAS RESISTOR VALUES
R1
R2
COMMON(+)
OUT
IN
MARK SPEC
Type Name
12
3
54
TYPE NO.
R1(k )
R2(k )
KRC651U
4.7
4.7
KRC652U
10
10
KRC653U
22
22
KRC654U
47
47
KRC655U
2.2
47
KRC656U
4.7
47
1
Q1
23
54
Q2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC651U 656U
VO
50
V
Input Voltage
KRC651U
VI
20, -10
V
KRC652U
30, -10
KRC653U
40, -10
KRC654U
40, -10
KRC655U
12, -5
KRC656U
20, -5
Output Current
KRC651U 656U
IO
100
mA
Power Dissipation
PD*
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
TYPE
KRC651U
KRC652U
KRC653U
KRC654U
KRC655U
KRC656U
MARK
NA
NB
NC
ND
NE
NF
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Rating.
Marking


Similar Part No. - KRC651U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC651E KEC-KRC651E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC651U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com