Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDTB143TLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTB143TLT1G
Description  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTB143TLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTB143TLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTB143TLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTB143TLT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
K2
4.7
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTB143TLT1G
Inverter, Interface, Driver
Features
Applications
LDTB143TLT1G
LDTB143TLT3G
K2
4.7
Absolute maximum ratings (Ta=25
°C)
3
COLLECTOR
2
EMITTER
1
BASE
R1
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on / off conditions need to be set for operation,
making the device design easy.
Electrical characteristics (Ta=25
°C)
Limits
Parameter
Symbol
VCBO
−50
−40
−5
−500
200
150
−55 to +150
V
VCEO
VEBO
V
V
mA
mW
C
C
IC
PC
Tj
Tstg
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
Min.
−50
−40
−5
100
3.29
250
4.7
200
−0.5
−0.5
600
−0.3
6.11
VIC
= −50µA
IC
= −1mA
IE
= −50µA
VCB
= −50V
VEB
= −4V
VCE
= −5V, IC= −50mA
IC/IB
= −50mA/−2.5mA
VCE
= −10V, IE=50mA, f=100MHz
V
V
µA
µA
V
k
MHz
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
Transition frequency
Characteristics of built-in transistor
1
2
3
SOT-23
Rev.O 1/3
S-LDTB143TLT1G
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-LDTB143TLT1G
S-LDTB143TLT3G


Similar Part No. - LDTB143TLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTB143TLT1G LRC-LDTB143TLT1G Datasheet
329Kb / 3P
   Bias Resistor Transistor
More results

Similar Description - LDTB143TLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com