Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1161 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1161
Description  Quad Protected High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1161 Datasheet HTML 2Page - Linear Technology LT1161 Datasheet HTML 3Page - Linear Technology LT1161 Datasheet HTML 4Page - Linear Technology LT1161 Datasheet HTML 5Page - Linear Technology LT1161 Datasheet HTML 6Page - Linear Technology LT1161 Datasheet HTML 7Page - Linear Technology LT1161 Datasheet HTML 8Page - Linear Technology LT1161 Datasheet HTML 9Page - Linear Technology LT1161 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1161
1161fa
APPLICATIONS INFORMATION
Drain Sense Configuration
The LT1161 uses supply-referenced current sensing. One
input of each channel’s current-sense comparator is con-
nected to a drain sense pin, while the second input is offset
65mV below the supply bus inside the device. For this
reason, Pins 11 and 20 of the LT1161 must be treated not
only as supply pins, but as the reference inputs for the
current-sense comparators.
Figure 4 shows the proper drain sense configuration for
the LT1161. Note that the sense pin goes to the drain end
of the sense resistor, while the two V+ pins are tied to each
other and connected to supply at the same point as the
positive ends of the sense resistors. Local supply
decoupling at the LT1161 is important at high input
voltages (see Protecting Against Supply Transients).
The drain sense threshold voltage has a positive tempera-
ture coefficient, allowing PTC sense resistors to be used
(see Printed Circuit Board Shunts). The selection of RS
should be based on the minimum threshold voltage:
R
mV
I
S
SET
=
50
Thus the 0.02
ΩdrainsenseresistorinFigure4wouldyield
a minimum trip current of 2.5A. This simple configuration
is appropriate for resistive or inductive loads which do not
generate large current transients at turn-on.
Automatic Restart Period
The timing capacitor CT shown in Figure 4 determines the
length of time the power MOSFET is held off following a
current limit trip. Curves are given in the Typical Perfor-
mance Characteristics to show the restart period for
various values of CT. For example, CT = 0.33µF yields a
50ms restart period.
Defeating Automatic Restart
Some applications are required to remain off after a fault
occurs. When the LT1161 is being driven from CMOS
logic, this can be easily implemented by connecting
resistor R1 between the input and timer pins as shown in
Figure 5. R1 supplies the sustaining current for an SCR
which latches the timer pin low. This prevents the MOSFET
gate from turning ON until the input has been recycled.
Figure 5. Latch-Off Input Network (Auto-Restart Defeated)
Inductive vs Capacitive Loads
Turning on an inductive load produces a relatively benign
ramp in MOSFET current. However, when an inductive
load is turned off, the current stored in the inductor needs
somewhere to decay. A clamp diode connected directly
across each inductive load normally serves this purpose.
If a diode is not employed the LT1161 clamps the MOSFET
gate 0.7V below ground. This causes the MOSFET to
resume conduction during the current decay with (V+ +
VGS + 0.7V) across it, resulting in high dissipation peaks.
Capacitive loads exhibit the opposite behavior. Any load
that includes a decoupling capacitor will generate a cur-
rent equal to CLOAD × (∂V/∂t) during capacitor in-rush.
With large electrolytic capacitors, the resulting current
Figure 4. Drain Sense Configuration
LT1161
T1
V+
V+
1161 F04
24V
10
µF
100
µF
50V
24V, 2A
SOLENOID
IRFZ34
RS
0.02
(PTC)
CT
1
µF
GND
G1
DS1
GND
+
+
LT1161
ON = 5V
OFF = 0V
TIMER
R1
2k
1161 F05
INPUT
5V
CMOS
LOGIC


Similar Part No. - LT1161

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LT1161C LINER-LT1161C Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161CN LINER-LT1161CN Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results

Similar Description - LT1161

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com