Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1126 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1126
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126 Datasheet(HTML) 5 Page - Linear Technology

  LT1126_15 Datasheet HTML 1Page - Linear Technology LT1126_15 Datasheet HTML 2Page - Linear Technology LT1126_15 Datasheet HTML 3Page - Linear Technology LT1126_15 Datasheet HTML 4Page - Linear Technology LT1126_15 Datasheet HTML 5Page - Linear Technology LT1126_15 Datasheet HTML 6Page - Linear Technology LT1126_15 Datasheet HTML 7Page - Linear Technology LT1126_15 Datasheet HTML 8Page - Linear Technology LT1126_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1126/LT1127
11267fa
5
SUPPLY VOLTAGE (V)
0
0
1
2
3
510
15
20
1126-7 G06
±
±
±
±
25
°C
125
°C
–55
°C
FREQUENCY (Hz)
80
100
120
140
160
1k
100k
1M
10M
1126-7 G05
10k
60
40
20
0
TA = 25°C
VS = ±15V
VCM = ±10V
FREQUENCY (Hz)
40
100
120
1126-7 G04
1
0.01
100
10k
1M
100M
–20
0
20
60
140
160
180
80
VS = ±15V
TA = 25°C
A
= –10, V = 15V
VCL
S
±
1126-7 G03
+10V
0V
–10V
1126-7 G02
–50mV
A
= –10, V = 15V OR
5V
C = 15pF
VCL
S
±
±
L
0mV
50mV
FREQUENCY (MHz)
0.1
–10
10
30
40
50
1.0
10
100
1126-7 G01
0
20
180
140
100
80
60
160
120
V = 15V
T = 25
°C
C = 10pF
S
A
L
±
GAIN
Ø
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
*See LT1115 data sheet for definition of CCIF testing
Gain, Phase Shift vs Frequency
Small-Signal Transient Response
Large-Signal Transient Response
Common Mode Rejection Ratio vs
Voltage Gain vs Frequency
Frequency
Supply Current vs Supply Voltage
The typical behavior of many LT1126/LT1127 parameters
is identical to the LT1124/LT1125. Please refer to the
LT1124/LT1125 data sheet for the following performance
characteristics:
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise
Current Noise vs Frequency
Input Bias or Offset Current vs Temperature
Output Short Circuit Current vs Time
Input Bias Current Over the Common Mode Range
Voltage Gain vs Temperature
Input Offset Voltage Drift Distribution
Offset Voltage Drift with Temperature of Representative
Units
Output Voltage Swing vs Load Current
Common Mode Limit vs Temperature
Channel Separation vs Frequency
Warm-Up Drift
Power Supply Rejection Ratio vs Frequency


Similar Part No. - LT1126_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1126AC LINER-LT1126AC Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126ACN8 LINER-LT1126ACN8 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126ACN8 LINER-LT1126ACN8 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126AM LINER-LT1126AM Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126AMJ8 LINER-LT1126AMJ8 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1126_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com