Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1928-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1928-5
Description  Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1928-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1928-5_15 Datasheet HTML 1Page - Linear Technology LTC1928-5_15 Datasheet HTML 2Page - Linear Technology LTC1928-5_15 Datasheet HTML 3Page - Linear Technology LTC1928-5_15 Datasheet HTML 4Page - Linear Technology LTC1928-5_15 Datasheet HTML 5Page - Linear Technology LTC1928-5_15 Datasheet HTML 6Page - Linear Technology LTC1928-5_15 Datasheet HTML 7Page - Linear Technology LTC1928-5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1928-5
Note 5: CN/SHDN must be driven with a source impedance of at least
100
Ω (RSOURCE) to prevent damage to the part. This pin is multiplexed
and may be connected through a low switch impedance to VIN. There may
be a large amount of current (VIN/RSOURCE) until the shutdown state
occurs after which the charge pump switches at CN/SHDN become high
impedance and the current will fall to < 8
µA.
CPO Output Resistance vs VIN
Min and Max VCPO vs VIN
VOUT Transient Response
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output specification will not apply for all
possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range may be
limited. When operating at maximum output current, the input voltage
range may be limited.
Shutdown to Enable Timing
(Figure 5)
Enable to Shutdown Timing
(Figure 5)
VIN (V)
35
30
25
20
15
10
5
2.5
3.0
3.5
19285 G01
4.0
4.5
TA = 25°C
CFLY = 0.47µF
IOUT = 10mA
VIN (V)
9
8
7
6
5
4
3
2.5
3.0
3.5
19285 G02
4.0
4.5
(A)
(A) THE MAXIMUM GENERATED NO LOAD
CPO VOLTAGE
(B) THE MINIMUM ALLOWABLE CPO VOLTAGE,
AT FULL LOAD, TO ENSURE THAT THE LDO
IS NOT DISABLED
(B)
VCPO = 1.45(VIN)
VCPO = 2(VIN)
TA = 25°C
TIME (
µs)
050
100
200
150
250
300
19285 G03
10
5
0
–5
–10
15
10
5
0
TA = 25°C
VIN = 3V
VOUT = 5V
COUT = 4.7µF
200
µs/DIV
2
0
5
4
3
2
1
0
19285 G04
TA = 25°C
VIN = 3V
VOUT = 5V
IOUT = 10mA
COUT = CCPO = 4.7µF
1ms/DIV
2
0
5
4
3
2
1
0
19285 G05
NO LOAD
TA = 25°C
VIN = 3V
VOUT = 5V
COUT = 4.7µF
ELECTRICAL CHARACTERISTICS
VOUT Voltage vs Temperature
TEMPERATURE (
°C)
–50
5.040
5.030
5.020
5.010
5.000
4.990
4.980
25
75
19285 G06
–25
0
50
100
125
VIN = 3V
IOUT = 10mA
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1928-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
More results

Similar Description - LTC1928-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com