Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1860L Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1860L
Description  Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860L Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1860L Datasheet HTML 2Page - Linear Technology LTC1860L Datasheet HTML 3Page - Linear Technology LTC1860L Datasheet HTML 4Page - Linear Technology LTC1860L Datasheet HTML 5Page - Linear Technology LTC1860L Datasheet HTML 6Page - Linear Technology LTC1860L Datasheet HTML 7Page - Linear Technology LTC1860L Datasheet HTML 8Page - Linear Technology LTC1860L Datasheet HTML 9Page - Linear Technology LTC1860L Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1860L/LTC1861L
18601Lf
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TEMPERATURE (
°C)
–50
25
75
1860L/61L G13
1860L/61L G14
–25
0
50
100
125
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1
80
70
60
50
40
30
20
10
0
10
100
1860L/61L G15
fIN (kHz)
1
80
70
60
50
40
30
20
10
0
10
100
1860L/61L G16
fIN (kHz)
1
10
100
1860L/61L G17
100
90
80
70
60
50
40
30
20
10
0
fIN (kHz)
1
10
100
1860L/61L G18
0 5
15
25
35
45
55
65
75
10
20
30
40
50
60
70
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fIN (kHz)
fIN (kHz)
fS = 150kHz
VCC = 2.7V
VREF = 2.5V
fS = 150kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
fIN = 1kHz
fS = 150kHz
TA = 25°C
VCC = 3V
VREF = 3V
fS = 150kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
fS = 150kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
fS = 150kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
VREF (Pin 1): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to GND.
IN+, IN(Pins 2, 3): Analog Inputs. These inputs must be
free of noise with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
CONV (Pin 5): Convert Input. A logic high on this input
starts the A/D conversion process. If the CONV input is left
PI FU CTIO S LTC1860L
high after the A/D conversion is finished, the part powers
down. A logic low on this input enables the SDO pin,
allowing the data to be shifted out.
SDO (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this pin.
SCK (Pin 7): Shift Clock Input. This clock synchronizes the
serial data transfer.
VCC (Pin 8): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the
analog ground plane.
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Gain Error vs
Temperature
SNR vs fIN
4096 Point FFT Non Averaged
Signal-to-(Noise + Distortion)
vs fIN
Total Harmonic Distortion
vs fIN
Spurious Free Dynamic Range
vs fIN


Similar Part No. - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1860L LINER-LTC1860L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1860LCMS8 LINER-LTC1860LCMS8 Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com