Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1860L Datasheet(PDF) 5 Page - Linear Technology

Part No. LTC1860L
Description  Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1860L Datasheet(HTML) 5 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1860L/LTC1861L
18601Lf
Reference Current vs
Sampling Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
TEMPERATURE (
°C)
–50
25
20
15
10
5
0
25
75
1860L/61L G05
–25
0
50
100
125
fS = 150kHz
VCC = 2.7V
VREF = 2.5V
TEMPERATURE (
°C)
–50
100
75
50
25
0
25
75
1860L/61L G09
–25
0
50
100
125
CONV = 0V
VCC = 2.7V
VREF = 2.5V
SAMPLING FREQUENCY (kHz)
0
25
50
75
100
1860L/61L G04
125
10
9
8
7
6
5
4
3
2
1
0
150
CONV LOW = 1.5
µs
TA = 25°C
VCC = 2.7V
VREF = 2.5V
CODE
0
4096
1860L/61L G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fS = 150kHz
TA = 25°C
VCC = 2.7V
VREF = 2.5V
CODE
0
4096
1860L/61L G08
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fS = 150kHz
TA = 25°C
VCC = 2.7V
VREF = 2.5V
REFERENCE VOLTAGE (V)
0
4
1860L/61L G10
1
2
3
2
1
0
–1
–2
fS = 150kHz
TA = 25°C
VCC = 3.6V
REFERENCE VOLTAGE (V)
0
4
1860L/61L G12
1
2
3
2
1
0
–1
–2
fS = 150kHz
TA = 25°C
VCC = 3.6V
TEMPERATURE (
°C)
–50
25
75
1860L/61L G11
–25
0
50
100
125
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
fS = 150kHz
VCC = 2.7V
VREF = 2.5V
REFERENCE VOLTAGE (V)
0
0.5
1.0
2.0
1.5
3.0
2.5
1860L/61L G06
3.5
25
20
15
10
5
0
4.0
fS = 150kHz
TA = 25°C
VCC = 3.6V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn