Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1860L Datasheet(PDF) 2 Page - Linear Technology

Part No. LTC1860L
Description  Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1860L Datasheet(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1860L/LTC1861L
18601Lf
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
q
12
Bits
No Missing Codes Resolution
q
12
Bits
INL
(Note 3)
q
±1
LSB
Transition Noise
0.13
LSBRMS
Gain Error
q
±20
mV
Offset Error
q
±2
±5mV
Input Differential Voltage Range
VIN = IN
+ – IN
q
0VREF
V
Absolute Input Range
IN+ Input
– 0.05
VCC + 0.05
V
INInput
– 0.05
VCC/2
V
VREF Input Range
LTC1860L S0-8 and MSOP, LTC1861L MSOP
1
VCC
V
Analog Input Leakage Current
(Note 4)
q
±1
µA
CIN Input Capacitance
In Sample Mode
12
pF
During Conversion
5
pF
Power Dissipation .............................................. 400mW
Operating Temperature Range
LTC1860LC/LTC1861LC ......................... 0
°C to 70°C
LTC1860LI/LTC1861LI ...................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Supply Voltage (VCC) ................................................. 7V
Ground Voltage Difference
AGND, DGND LTC1861L MSOP Package .........
±0.3V
Analog Input .................... (GND – 0.3V) to (VCC + 0.3V)
Digital Input ..................................... (GND – 0.3V) to 7V
Digital Output .................. (GND – 0.3V) to (VCC + 0.3V)
(Notes 1, 2)
ORDER PART
NUMBER
MS8 PART MARKING
ORDER PART
NUMBER
LTC1860LCMS8
LTC1860LIMS8
LTD2
LTD3
MS PART MARKING
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
VREF
IN+
IN¯
GND
8
7
6
5
VCC
SCK
SDO
CONV
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LTC1861LCMS
LTC1861LIMS
LTD4
LTD5
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 2.7V, VREF = 2.5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
ORDER PART
NUMBER
S8 PART MARKING
LTC1860LCS8
LTC1860LIS8
1860L
1860LI
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
ORDER PART
NUMBER
S8 PART MARKING
LTC1861LCS8
LTC1861LIS8
1861L
1861LI
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
5
CONV
CH0
CH1
AGND
DGND
10
9
8
7
6
VREF
VCC
SCK
SDO
SDI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CONV
CH0
CH1
GND
VCC
SCK
SDO
SDI


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn