Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1860L Datasheet(PDF) 12 Page - Linear Technology

Part No. LTC1860L
Description  Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1860L Datasheet(HTML) 12 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1860L/LTC1861L
18601Lf
LT/TP 0303 2K • PRINTED IN USA
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO
Tiny 2-Chip Data-Acquistion System
+
LTC6910-1
0.1
µF
1
µF
1
µF
3V
3V
AGND
3
8
4
1
2
7
6
5
VIN
GAIN
CONTROL
ADC
CONTROL
499
270pF
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
LTC1860L
LTC6910-1 (IN TSOT-23 PACKAGE) COMPACTLY ADDS 40dB OF INPUT GAIN
RANGE TO THE LTC1860L (IN MSOP 8-PIN PACKAGE). SINGLE 3V SUPPLY
1860L/61L TA03
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
12-Bit Serial I/O ADCs
LTC1286/LTC1298
12.5ksps/11.1ksps
1.3mW/1.7mW
1-Channel with Ref. Input (LTC1286), 2-Channel (LTC1298), 5V
LTC1400
400ksps
75mW
1-Channel, Bipolar or Unipolar Operation, Internal Reference, 5V
LTC1401
200ksps
15mW
SO-8 with Internal Reference, 3V
LTC1402
2.2Msps
90mW
Serial I/O, Bipolar or Unipolar, Internal Reference
LTC1404
600ksps
25mW
SO-8 with Internal Reference, Bipolar or Unipolar, 5V
LTC1860/LTC1861
250ksps
4.25mW
SO-8, MS8, 1-Channel, 5V/SO-8, MS, 2-Channel, 5V
14-Bit Serial I/O ADCs
LTC1417
400ksps
20mW
16-Pin SSOP, Unipolar or Bipolar, Reference, 5V
LTC1418
200ksps
15mW
Serial/Parallel I/O, Internal Reference, 5V
16-Bit Serial I/O ADCs
LTC1609
200ksps
65mW
Configurable Bipolar or Unipolar Input Ranges, 5V
LTC1864/LTC1865
250ksps
4.25mW
SO-8, MS8, 1-Channel, 5V/SO-8, MS, 2-Channel, 5V
LTC1864L/LTC1865L
150ksps
1.22mW
SO-8, MS8, 1-Channel, 3V/SO-8, MS, 2-Channel, 3V
References
LT1460
Micropower Precision Series Reference
Bandgap, 130
µA Supply Current, 10ppm/°C, Available in SOT-23
LT1790
Micropower Low Dropout Reference
60
µA Supply Current, 10ppm/°C, SOT-23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn