Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1842 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1842
Description  Ultralow Power Dual Comparators with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1842 Datasheet(HTML) 2 Page - Linear Technology

  LTC1842 Datasheet HTML 1Page - Linear Technology LTC1842 Datasheet HTML 2Page - Linear Technology LTC1842 Datasheet HTML 3Page - Linear Technology LTC1842 Datasheet HTML 4Page - Linear Technology LTC1842 Datasheet HTML 5Page - Linear Technology LTC1842 Datasheet HTML 6Page - Linear Technology LTC1842 Datasheet HTML 7Page - Linear Technology LTC1842 Datasheet HTML 8Page - Linear Technology LTC1842 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1841/LTC1842/LTC1843
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Voltage
V + to V ................................................12V to – 0.3V
IN +, IN , HYST ................. (V + + 0.3V) to (V – 0.3V)
REF ................................... (V + + 0.3V) to (V – 0.3V)
OUT ................................................ 12V to (V – 0.3V)
Current
IN +, IN , HYST ................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
OUT Short-Circuit Duration (V +
≤ 5.5V) ...... Continuous
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1841C/LTC1842C/LTC1843C ........... 0
°C to 70°C
LTC1841I/LTC1842I/LTC1843I .......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
V
IN A+
IN A
OUT B
V +
IN B+
IN B
S8 PACKAGE
8-LEAD PLASTIC SO
1841
1841I
S8 PART
MARKING
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
V
IN A+
IN B+
OUT B
V+
REF
HYST
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
V
IN A+
IN B
OUT B
V+
REF
HYST
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 125°C/ W
TJMAX = 150°C, θJA = 125°C/ W
TJMAX = 150°C, θJA = 125°C/ W
ORDER PART
NUMBER
LTC1841CS8
LTC1841IS8
S8 PART
MARKING
ORDER PART
NUMBER
S8 PART
MARKING
1842
1842I
LTC1842CS8
LTC1842IS8
ORDER PART
NUMBER
LTC1843CS8
LTC1843IS8
1843
1843I
ELECTRICAL CHARACTERISTICS V+ = 5V, V= 0V, TA = 25°C unless otherwise noted.
Consult factory for Military grade parts.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
LTC1841
q
2.0
11
V
LTC1842/LTC1843
q
2.5
11
V
ICC
Supply Current
HYST = REF (Note 2)
q
3.5
5.7
µA
Comparator
VOS
Comparator Input Offset Voltage
(Note 3)
q
±3
±10
mV
IIN
Input Leakage Current (IN +, IN )IN + = IN = 2.5V (LTC1841),
q
±0.01
±1.0
nA
IN + = IN = VREF (LTC1842/LTC1843)
VIN
Comparator Input Voltage Range
q
V
V + – 1.3V
V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V (LTC1841),
0.1
1
mV/V
V + = 2.5V to 11V (LTC1842/LTC1843)
CMRR
Common Mode Rejection Ratio
VCM = Vto (V+ – 1.3V) LTC1841
q
0.1
1
mV/V
VHYST
Hysteresis Input Voltage Range
LTC1842/LTC1843
q
VREF – 50mV
VREF
V


Similar Part No. - LTC1842

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1842 LINER-LTC1842 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1842 LINER-LTC1842 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1842C LINER-LTC1842C Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842CS8 LINER-LTC1842CS8 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results

Similar Description - LTC1842

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com