Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA758E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA758E
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA758E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA758E Datasheet HTML 1Page - KEC(Korea Electronics) KRA758E Datasheet HTML 2Page - KEC(Korea Electronics) KRA758E Datasheet HTML 3Page - KEC(Korea Electronics) KRA758E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 1. 24
2/4
KRA757E~KRA759E
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA757E 759E
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA757E
GI
VO=-5V, IO=-10mA
80
150
-
KRA758E
80
150
-
KRA759E
70
140
-
Output Voltage
KRA757E 759E
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA757E
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.2
-1.8
V
KRA758E
-
-1.8
-2.6
KRA759E
-
-3.0
-5.8
Input Votlage (OFF)
KRA757E
VI(OFF)
VO=-5V, IO=-0.1mA
-0.5
-0.75
-
V
KRA758E
-0.6
-0.88
-
KRA759E
-1.5
-1.82
-
Transition Frequency
KRA757E 759E
fT *
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
KRA757E
II
VI=-5V
-
-
-0.88
mA
KRA758E
-
-
-0.36
KRA759E
-
-
-0.16
Switching
Time
Rise
Time
KRA757E
tr
VO=-5V, VIN=-5V
RL=1k
-
0.07
-
S
KRA758E
-
0.20
-
KRA759E
-
0.38
-
Storage
Time
KRA757E
tstg
-
1.1
-
KRA758E
-
1.3
-
KRA759E
-
0.7
-
Fall
Time
KRA757E
tf
-
0.35
-
KRA758E
-
0.4
-
KRA759E
-
0.48
-


Similar Part No. - KRA758E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA758U KEC-KRA758U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA758E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com