Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU10000RT3UPM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU10000RT3UPM
Description  SmartOnline 200-240V 10kVA 9kW UPS Spare - Redundant Power Module, 3U Rack-Tower
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU10000RT3UPM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU10000RT3UPM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU10000RT3UPM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU10000RT3UPM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartOnline 200-240V 10kVA 9kW UPS Spare /
Redundant Power Module, 3U Rack/Tower
MODEL NUMBER: SU10000RT3UPM
Description
10,000 VA (10kVA) on-line, double-conversion UPS power module for spare or redundant UPS configurations involving SU10000RT3U, SU10000RT3UG,
SU10000RT3U2TF, SU10KRT3U, SU10KRT3UHV, SU20KRT, SU20KRT-1TF, SU20KRTG, SU20KRTHW UPS bundles. POWER MODULE ONLY.
Features
10,000 VA (10kVA) on-line, double-conversion UPS power module for spare or redundant UPS configurations involving select Tripp Lite 10 and 20kVA
configurations
POWER MODULE ONLY
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
10000
Output kVA Capacity (kVA)
10
Output Watt Capacity (Watts)
9000
Output kW Capacity (kW)
9
Power Factor
0.9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
200V; 208V; 220V; 230V; 240V
Frequency Compatibility
50 / 60 Hz
Output AC Waveform (AC Mode)
Sine wave
Highlights
10,000VA on-line 3U rack/tower
hot-swappable power module
Ideal for use as a spare or
replacement power module for
mission-critical UPS
configurations involving
SU10000RT3UPM
Package Includes
SU1000RT3UPM POWER
MODULE ONLY (3u)
1 / 3


Similar Part No. - SU10000RT3UPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU10000RT3U ETC2-SU10000RT3U Datasheet
553Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU10000RT3U2TF TRIPPLITE-SU10000RT3U2TF Datasheet
545Kb / 6P
   SmartOnline 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 10U Vertical Rack-Tower, USB, DB9 Serial Bypass Switch
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
SU10000RT3UTAA TRIPPLITE-SU10000RT3UTAA Datasheet
201Kb / 6P
   SmartOnline 208/240V 10kVA On-Line UPS ??Double Conversion, 9kW, 6U, Network Card Option, TAA Compliant
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
More results

Similar Description - SU10000RT3UPM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
logo
List of Unclassifed Man...
SU10000RT3U ETC2-SU10000RT3U Datasheet
553Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU10KRT3UHV ETC2-SU10KRT3UHV Datasheet
542Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
logo
Tripp Lite. All Rights ...
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SU8000RT3UPM TRIPPLITE-SU8000RT3UPM Datasheet
491Kb / 3P
   SmartOnline 200-240V 8kVA 7.2kW Hot-Swap Spare Power Module - for redundant power applications
logo
List of Unclassifed Man...
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV Datasheet
180Kb / 7P
   SmartOnline 200-240V 10kVA 9kW Double-Conversion UPS, 6U, Extended Run, Network Card Slot, USB, DB9, Switch, Hardwire
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV_15 Datasheet
538Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U, Hardwired, Bypass Switch
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU10000RT3UTAA TRIPPLITE-SU10000RT3UTAA Datasheet
201Kb / 6P
   SmartOnline 208/240V 10kVA On-Line UPS ??Double Conversion, 9kW, 6U, Network Card Option, TAA Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com