Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3583 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC3583
Description  SILICON TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3583 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC3583_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC3583_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
2SC3583
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
4
0
8
12
16
20
S21e
0.2 GHz
0.2 GHz
IC = 5 mA
IC = 20 mA
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.04
0
0.08
0.12
0.16 0.20
S12e
2.0 GHz
IC = 20 mA
IC = 5 mA
S12e-FREQUENCY
VCE = 8 V
200 MHz Step
CONDITION
VCE = 8 V
CONDITION
VCE = 8 V
CONDITION
2.0 GHz
2.0 GHz
0.2 GHz
0.2 GHz
IC = 20 mA
IC = 5 mA
IC = 5 mA
S11e
S22e
IC = 20 mA
0.2 GHz


Similar Part No. - 2SC3583_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3583 NEC-2SC3583 Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3583 KEXIN-2SC3583 Datasheet
40Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
2SC3583 CEL-2SC3583 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
logo
Inchange Semiconductor ...
2SC3583 ISC-2SC3583 Datasheet
300Kb / 6P
   Low Noise and High Gain
More results

Similar Description - 2SC3583_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
   SILICON TRANSISTOR
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
   SILICON TRANSISTOR
MPS3569 MICRO-ELECTRONICS-MPS3569 Datasheet
54Kb / 2P
   SILICON TRANSISTOR
logo
Renesas Technology Corp
2SC3604 RENESAS-2SC3604 Datasheet
218Kb / 10P
   SILICON TRANSISTOR
1996
2SC4958 RENESAS-2SC4958 Datasheet
176Kb / 8P
   SILICON TRANSISTOR
1995
2SD596A RENESAS-2SD596A Datasheet
687Kb / 6P
   SILICON TRANSISTOR
2005
2SD1614 RENESAS-2SD1614 Datasheet
219Kb / 4P
   SILICON TRANSISTOR
1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com