Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2745TB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PC2745TB
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC2745TB Datasheet(HTML) 3 Page - Renesas Technology Corp

  PC2745TB_15 Datasheet HTML 1Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 2Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 3Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 4Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 5Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 6Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 7Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 8Page - Renesas Technology Corp PC2745TB_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DESCRIPTION
The
µPC2745TB and µPC2746TB are silicon monolithic integrated circuits designed as buffer amplifier for mobile
communications. These low current amplifiers operate on 3.0 V (1.8 V MIN.).
These ICs are manufactured using our 20 GHz fT NESATIII silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, these IC have excellent performance, uniformity and reliability.
FEATURES
• Supply voltage
: Recommended VCC = 2.7 to 3.3 V
Circuit operation VCC = 1.8 to 3.3 V
• Upper limit operating frequency
:
µPC2745TB; fu = 2.7 GHz TYP.@3 dB bandwidth
µPC2746TB; fu = 1.5 GHz TYP.@3 dB bandwidth
• High isolation
:
µPC2745TB; ISL = 38 dB TYP.@f = 500 MHz
µPC2746TB; ISL = 45 dB TYP.@f = 500 MHz
• Power gain
:
µPC2745TB; GP = 12 dB TYP.@f = 500 MHz
µPC2746TB; GP = 19 dB TYP.@f = 500 MHz
• Saturated output power
:
µPC2745TB; PO(sat) = −1 dBm TYP.@f = 500 MHz
µPC2746TB; PO(sat) = 0 dBm TYP.@f = 500 MHz
• High-density surface mounting
: 6-pin super minimold package (2.0
× 1.25 × 0.9 mm)
APPLICATIONS
1.5 GHz to 2.5 GHz communication system :
µPC2745TB
800 MHz to 900 MHz communication system :
µPC2746TB
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
µPC2745TB-E3
6-pin super minimold
C1Q
µPC2746TB-E3
C1R
• Embossed tape 8 mm wide
• 1, 2, 3 pins face the perforation side of the tape
• Qty 3 kpcs/reel
Remark
To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC2745TB, µPC2746TB
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
3 V, SUPER MINIMOLD SILICON MMIC
WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC2745TB,µPC2746TB
NEC Compound Semiconductor Devices 1996, 2003
The mark
shows major revised points.
Document No. PU10443EJ01V0DS (1st edition)
(Previous No. P11511EJ3V0DS00)
Date Published November 2003 CP(K)
Printed in Japan


Similar Part No. - PC2745TB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - PC2745TB_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com