Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA728E Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA728E
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA728E Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA728E Datasheet HTML 1Page - KEC(Korea Electronics) KRA728E Datasheet HTML 2Page - KEC(Korea Electronics) KRA728E Datasheet HTML 3Page - KEC(Korea Electronics) KRA728E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 1. 24
3/4
KRA727E~KRA729E
Revision No : 1
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
O
I(ON)
I
- V
O
I(ON)
I
- V
O
I(ON)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I
- V
OI(OFF)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I
- V
OI(OFF)
-10
-30
-100
-0.3
-0.5
-1
-3
-5
-10
-30
-50
V =-0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
Ta=-25 C
Ta=25 C
O
V =-0.2V
-50
-30
-10
-5
-3
-1
-0.5
-0.3
-100
-30
-10
-3
-1
-0.3
-0.1
Ta=-25 C
Ta=25 C
O
V =-0.2V
-50
-30
-10
-5
-3
-1
-0.5
-0.3
-100
-30
-10
-3
-1
-0.3
-0.1
KRA727E
KRA728E
KRA729E
O
V =-5V
KRA728E
-3k
-1k
-500
-300
-100
-50
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
-30
O
V =-5V
KRA729E
-3k
-1k
-500
-300
-100
-50
-3.0
-2.6
-2.2
-1.8
-1.4
-1.0
-0.6
-0.2
-30
-3.4
I(OFF)
INPUT OFF VOLTAGE V
(V)
I
- V
OI(OFF)
O
V =-5V
KRA727E
-3k
-1k
-500
-300
-100
-50
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
-30


Similar Part No. - KRA728E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA728U KEC-KRA728U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA728E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com